Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

814-030 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 814-030
Description  DUAL IN-LINE MOUNT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

814-030 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  814-030 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.300 [7.6mm]
0.075 [1.9mm]
0.100 [2.5mm]
0.075 [1.9mm]
H
F
REF.
0.030 [0.8mm]
Ø.035 [Ø0.9mm]
W/ Ø .050 C'SINK
TYP.
TYP.
0.450 [11.4mm]
0.50 [12.7mm]
0.750 [19.1mm]
TYP.
Ø.062 [Ø1.6mm]
0.38 [9.5mm]
1. GENERAL SPECIFICATIONS: BIVAR MOLDED COMPONENT SPECIFICATION BV00-E101.
STANDARD TOLERANCE
( UNLESS OTHERWISE SPECIFIED )
David Green
M. Chen
CHECKED:
.XX
± .01
.XXX
± .005
.X
± .1
DECIMALS
DESIGNED:
814-XXX
D
11/14/02
CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING.
CAGE CODE : 32559
11/14/02
DATE:
1
1
SHEET #
OF
TEL: (949) 951-8808
FAX: (949) 951-3974
4 THOMAS, IRVINE, CA. 92618
DUAL IN-LINE MOUNT
PART NO:
TITLE:
± 1°
ANGULAR
DATE:
®
REVISION:
Engineering Update w/o Changes
REV.
D
03/01/04
DESCRIPTION
DATE
APPROVED
M. C.
814-045
814-030
814-100
814-080
814-060
- 006N
-
- 005N
- 004N
-
.045 (1.1)
.030 (.76)
.100 (2.5)
.080 (2.0)
.060 (1.5)
.050 (1.3)
.070 (1.8)
.015 (.38)
.030 (.76)
.000
NATURAL
BLACK
NATURAL
BLACK
NATURAL
PART
NO.
A55485/06
M38527/06
F
H
COLOR
BASF ULTRAMID NYLON 6/6 A3K NATURAL W/BLACK PIGMENT ADDED.
3. MATERIAL: NYLON 6/6, 94V-2, BLACK. BIVAR MATERIAL CODE 03-NL-BK.
BASF ULTRAMID NYLON 6/6 A3K NATURAL.
2. MATERIAL: NYLON 6/6, 94V-2, NATURAL. BIVAR MATERIAL CODE 03-NL.


Similar Part No. - 814-030

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
814-22-004-30-000-101 MILL-MAX-814-22-004-30-000-101 Datasheet
2Mb / 11P
   Mill-Max Spring-loaded Connectors Minimize Noise
logo
Tyco Electronics
814-AG10D-ES MACOM-814-AG10D-ES Datasheet
381Kb / 4P
   DIP SOCKET 800 SERIES
814-AG10D-ESL MACOM-814-AG10D-ESL Datasheet
381Kb / 4P
   DIP SOCKET 800 SERIES
814-AG11D-ES MACOM-814-AG11D-ES Datasheet
381Kb / 4P
   DIP SOCKET 800 SERIES
814-AG11D-ESL MACOM-814-AG11D-ESL Datasheet
381Kb / 4P
   DIP SOCKET 800 SERIES
More results

Similar Description - 814-030

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
110-87-318-41-001101 PREDIP-110-87-318-41-001101 Datasheet
90Kb / 2P
   DUAL-IN-LINE SOCKETS
110-87-324-41-001101 PREDIP-110-87-324-41-001101 Datasheet
90Kb / 2P
   DUAL-IN-LINE SOCKETS
110-87-308-41-105191 PREDIP-110-87-308-41-105191 Datasheet
95Kb / 2P
   DUAL-IN-LINE SOCKETS
110-87-632-41-001151 PREDIP-110-87-632-41-001151 Datasheet
90Kb / 2P
   DUAL-IN-LINE SOCKETS
114-87-308-41-134191 PREDIP-114-87-308-41-134191 Datasheet
97Kb / 2P
   DUAL-IN-LINE SOCKETS
logo
TE Connectivity Ltd
114-1056 TEC-114-1056 Datasheet
140Kb / 7P
   Dual In- Line Package
408-7779 TEC-408-7779 Datasheet
121Kb / 4P
   Dual In- Line Package
logo
List of Unclassifed Man...
SBS1002T ETC2-SBS1002T Datasheet
1Mb / 1P
   Dual-in-line Switches
logo
Precid-Dip Durtal SA
110-87-306-41-001101 PREDIP-110-87-306-41-001101 Datasheet
90Kb / 2P
   DUAL-IN-LINE SOCKETS
110-87-640-41-001151 PREDIP-110-87-640-41-001151 Datasheet
90Kb / 2P
   DUAL-IN-LINE SOCKETS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com