Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-141-W Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 10-141-W
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

10-141-W Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 10-141-W Datasheet HTML 2Page - List of Unclassifed Manufacturers 10-141-W Datasheet HTML 3Page - List of Unclassifed Manufacturers 10-141-W Datasheet HTML 4Page - List of Unclassifed Manufacturers 10-141-W Datasheet HTML 5Page - List of Unclassifed Manufacturers 10-141-W Datasheet HTML 6Page - List of Unclassifed Manufacturers 10-141-W Datasheet HTML 7Page - List of Unclassifed Manufacturers 10-141-W Datasheet HTML 8Page - List of Unclassifed Manufacturers 10-141-W Datasheet HTML 9Page - List of Unclassifed Manufacturers 10-141-W Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 282 page
background image
VARIOUS CIN::APSE APPLICATIONS
IC Component to Board Socket (LGA)
Hybrid Circuit to Flex to PCB
PCB to PCB
LCD to Flex to PCB
Cable to PCB/Flex
Flex Circuit to PCB
1-4
CIN::APSE®
High-Speed Interconnect Technology
1
Call Toll Free: 1 (800) 323-9612


Similar Part No. - 10-141-W

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
10-10 GRAYHILL-10-10 Datasheet
63Kb / 1P
   Wiping Contact Pushbutton Switches
10-10 GRAYHILL-10-10 Datasheet
63Kb / 1P
   Momentary or Momentary With Positive Feel
10-10 GRAYHILL-10-10 Datasheet
213Kb / 1P
   Momentary or Momentary With Positive Feel
logo
Molex Electronics Ltd.
10-10-1021 MOLEX1-10-10-1021 Datasheet
135Kb / 3P
   5.08mm (.200") Pitch KK짰 PC Board Connector, Right Angle Mount Style A, 1.0關m (40關") Tin (Sn), 2 Circuits
10-10-1023 MOLEX1-10-10-1023 Datasheet
132Kb / 3P
   5.08mm (.200") Pitch KK짰 PC Board Connector, Top Entry Mount Style C, 1.0關m (40關") Tin (Sn), 2 Circuits
More results

Similar Description - 10-141-W

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com