Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8-141-W Datasheet(PDF) 89 Page - List of Unclassifed Manufacturers

Part # 8-141-W
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8-141-W Datasheet(HTML) 89 Page - List of Unclassifed Manufacturers

Back Button 8-141-W Datasheet HTML 85Page - List of Unclassifed Manufacturers 8-141-W Datasheet HTML 86Page - List of Unclassifed Manufacturers 8-141-W Datasheet HTML 87Page - List of Unclassifed Manufacturers 8-141-W Datasheet HTML 88Page - List of Unclassifed Manufacturers 8-141-W Datasheet HTML 89Page - List of Unclassifed Manufacturers 8-141-W Datasheet HTML 90Page - List of Unclassifed Manufacturers 8-141-W Datasheet HTML 91Page - List of Unclassifed Manufacturers 8-141-W Datasheet HTML 92Page - List of Unclassifed Manufacturers 8-141-W Datasheet HTML 93Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 282 page
background image
3-12
Call Toll Free: 1 (800) 323-9612
3
[.050” (1.27mm) Density
Solder Cup/Wire
D-Microminiature]
C48 Series
Accessories
Crim-Lok Contacts
Contacts
When you order Cinch C48 Series
connectors with contacts, the contact package
contains enough contacts to complete the
insert arrangement plus two spares. The
package also includes sealing plugs for 15%
of the contacts in the inserts, minimum of
three. To provide proper sealing, insert
unwired contacts and sealing plugs in all
unused holes. (Use a #12 contact for a #1
shielded hole.) To order contacts and sealing
plugs separately use the part numbers in the
table below.
Max.
Wire
Current
Contact
Size
Rating
Cinch Part No.
MS Part No.
Size
AWG
Amps
Pin
Socket
Pin
Socket
24
3.0
No. 20
22
5.0
CN0900-253
CN0900-255
M39029/31-241
M39029/32-260
20
7.5
18
16
No. 16
16
22
CN0900-252
CN0900-254
M39029/31-229
M39029/32-248
14
32
No. 12
12
41
CN0900-256
CN0900-257
M32029/31-235
M39029/32-254
**
3
C48-1226-02
C48-1227-02
--
--
No. 1*
****
1
C48-1226-54
C48-1227-54
--
--
(Shielded)
*****
1
C48-1226-55
C48-1227-55
--
--
No. 2
(Shielded)
***
7.5
C48-2187-02
C48-2188-02
--
--
* Fits into No. 12 power contact cavity.
** Accommodates cables RG174/U, RG179U, RG179A/U, RG187/U, RG188/U, RG161/U,
as well as shielded wire.
Can also accommodate Cable MIL-C-27500-22 KING (Extruded) or 22 AWG per
MIL-C-7078 type II.
*** Accommodates Cable MIL-C-27500 KING; 20 KING; 18 KING (Extruded) or 22, 20, 18
AWG, per MIL-C-7078 type II.
**** For use with RG195/U and RG180/U, RG180A/U, and RG1808/U.
***** Accommodates Cables RG178/U, RG178A/U, RG1788/U, and RG196/U.
Color Code
Size
Cinch Part No.
MS Part No.
Yellow
12 & #1 Shielded
C48-2221-12
MS27488-12
Blue
16
C48-2221-16
MS27488-16
Red
20
C48-2221-20
MS27488-20
White
#2 Shielded
C48-1458-01
--
Contact
Crimp
Insertion Tool
Removal Tool
Size
Tool
Superseded No.
Current No.
Superseded No.
Current No.
No. 20
M22520/1-01
MS24256A20
M81969/17-03
MS24256R20
M81969/19-06
No. 16
M22520/1-01
MS24256A16
M81969/17-04
MS24256R16
M81969/19-01
No. 12
M22520/1-01
MS24256A12
M81969/17-05
MS24256R12
M81969/19-02
Adjustable
Turret
No. 20
M22520/1-02
No. 16
M22520/1-02
No. 12
M22520/1-02
No. 1
(Shielded)
MS24256A12
M81969/17-05
MS24256R12
M81969/19-09
No. 2
(Shielded)
--
294-128
--
294-127
Grommet Sealing Plugs
Tools


Similar Part No. - 8-141-W

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
8-1414964-5 TEC-8-1414964-5 Datasheet
298Kb / 4P
   Small power relay
8-1415001-1 TEC-8-1415001-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
logo
Tyco Electronics
8-1415006-1 MACOM-8-1415006-1 Datasheet
426Kb / 2P
   Power PCB Relay RTH 105Celsius 16A
logo
TE Connectivity Ltd
8-1415006-1 TEC-8-1415006-1 Datasheet
283Kb / 2P
   5kV/10mm coil-contact
8-1415011-1 TEC-8-1415011-1 Datasheet
339Kb / 3P
   2 pole relay with force guided contacts according to EN 50205
More results

Similar Description - 8-141-W

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com