Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7-141-W Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # 7-141-W
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7-141-W Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button 7-141-W Datasheet HTML 44Page - List of Unclassifed Manufacturers 7-141-W Datasheet HTML 45Page - List of Unclassifed Manufacturers 7-141-W Datasheet HTML 46Page - List of Unclassifed Manufacturers 7-141-W Datasheet HTML 47Page - List of Unclassifed Manufacturers 7-141-W Datasheet HTML 48Page - List of Unclassifed Manufacturers 7-141-W Datasheet HTML 49Page - List of Unclassifed Manufacturers 7-141-W Datasheet HTML 50Page - List of Unclassifed Manufacturers 7-141-W Datasheet HTML 51Page - List of Unclassifed Manufacturers 7-141-W Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 282 page
background image
2-45
Call Toll Free: 1 (800) 323-9612
2
[.050” (1.27mm) Density
Solder Cup/Wire
D-Microminiature]
Jones
Plugs/Sockets
Series 300
Multiple Density
Solder Eyelet
With Hood & 90° Clamp
300 Series with Hood and 90° Cable Clamp (CCE)
No. of
Catalog No.
Catalog No.
Contacts
Plug
Socket
2
P-302-CCE
S-302-CCE
3
P-303-CCE
S-303-CCE
4
P-304-CCE
S-304-CCE
6
P-306-CCE
S-306-CCE
8
N/A
N/A
10
P-310-CCE
N/A
12
P-312-CCE
N/A
15
P-315-CCE
S-315-CCE
18
P-318-CCE
S-318-CCE
21
P-321-CCE
S-321-CCE
24
P-324-CCE
S-324-CCE
27
P-327-CCE
S-327-CCE
30
P-330-CCE
S-330-CCE
33
P-333-CCE
S-333-CCE
Dimensions
A +.016
B +.016
C +.031
G
Cable "D"
No. of
(.41mm)
(.41mm)
(.79mm)
Opening
Contacts
in
mm
in
mm
in
mm
in
mm
in
mm
2
.691
17.55
-
-
.953
24.21
.313
7.95
.313
7.95
3
1.034
26.26
.472
11.99
.953
24.21
.344
8.74
.250
6.35
4
.786
19.96
.724
18.39
.953
24.21
.453
11.51
.375
9.53
6
1.036
26.31
.724
18.39
.078
27.38
.469
11.91
.438
11.13
8--
--
--
--
--
--
--
--
--
--
10
1.592
40.44
.720
18.29
1.203
30.56
.359
9.12
.500
12.70
12
1.286
32.66
.974
24.74
1.203
30.56
.422
10.72
.563
14.30
No. of
E
L
Cable Opening
Polarizing
Contacts
in
mm
in
mm
in
mm
Pin
15
2.514
63.85
1.795
45.59
.563
14.30
NO
18
2.826
71.78
2.107
53.52
.563
14.30
NO
21
3.139
79.73
2.420
61.47
.625
15.88
NO
24
3.451
87.66
2.732
69.39
.625
15.88
14
27
3.764
95.61
3.045
77.34
.625
15.88
14
30
4.076
103.53
3.357
85.27
.750
19.05
14
33
4.389
111.48
3.670
93.22
.750
19.05
17
Marketed exclusively through distribution.


Similar Part No. - 7-141-W

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
7-1414778-3 MACOM-7-1414778-3 Datasheet
327Kb / 4P
   Battery Disconnect Switch BDS-A High Current Solutions
7-1414967-8 MACOM-7-1414967-8 Datasheet
492Kb / 5P
   Micro Relay K (THT ??THR)
logo
TE Connectivity Ltd
7-1414985-1 TEC-7-1414985-1 Datasheet
577Kb / 3P
   Power Relay F4 A
7-1415001-1 TEC-7-1415001-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
7-1415002-1 TEC-7-1415002-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
More results

Similar Description - 7-141-W

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com