Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C56PI-1.8TE13 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT93C56PI-1.8TE13
Description  1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C56PI-1.8TE13 Datasheet(HTML) 6 Page - Catalyst Semiconductor

  CAT93C56PI-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C56PI-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C56PI-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C56PI-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C56PI-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C56PI-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C56PI-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C56PI-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C56PI-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
93C46/56/57/66/86
Doc. No. 25056-00 2/98 M-1
The format for all instructions sent to the device is a
logical "1" start bit, a 2-bit (or 4-bit) opcode, 6-bit (93C46)/
/7-bit (93C57)/ 8-bit (93C56 or 93C66)/10-bit (93C86)
(an additional bit when organized X8) and for write
operations a 16-bit data field (8-bit for X8 organizations).
Note: This note is applicable only to 93C86. The Write,
Erase, Write all and Erase all instructions require PE=1.
If PE is left floating, 93C86 is in Program Enabled mode.
For Write Enable and Write Disable instruction PE=don’t
care.
Read
Upon receiving a READ command and an address
(clocked into the DI pin), the DO pin of the CAT93C46/
56/57/66/86 will come out of the high impedance state
and, after sending an initial dummy zero bit, will begin
shifting out the data addressed (MSB first). The output
data bits will toggle on the rising edge of the SK clock and
are stable after the specified time delay (tPD0 or tPD1)
For the 93C56/57/66/86, after the initial data word has
been shifted out and CS remains asserted with the SK
clock continuing to toggle, the device will automatically
increment to the next address and shift out the next data
word in a sequential READ mode. As long as CS is
continuously asserted and SK continues to toggle, the
device will keep incrementing to the next address auto-
matically until it reaches to the end of the address space,
then loops back to address 0. In the sequential READ
mode, only the initial data word is preceeded by a
dummy zero bit. All subsequent data words will follow
without a dummy zero bit.
Write
After receiving a WRITE command, address and the
data, the CS (Chip Select) pin must be deselected for a
minimum of tCSMIN. The falling edge of CS will start the
self clocking clear and data store cycle of the memory
location specified in the instruction. The clocking of the
SK pin is not necessary after the device has entered the
self clocking mode. The ready/busy status of the
CAT93C46/56/57/66/86 can be determined by selecting
the device and polling the DO pin. Since this device
features Auto-Clear before write, it is NOT necessary to
erase a memory location before it is written into.
Figure 3. Write Instruction Timing
93C46/56/57/66/86 F05
Figure 2b. Read Instruction Timing (93C56/57/66/86)
SK
CS
DI
DO
tCS
STANDBY
HIGH-Z
HIGH-Z
101
AN AN-1
A0
DN
D0
BUSY
READY
STATUS
VERIFY
tSV
tHZ
tEW
SK
CS
DI
DO
HIGH-Z
11
0
AN AN–1
A0
Dummy 0
D15 . . . D0
or
D7 . . . D0
1
1
1
1
1
1
1
1
1111111
Address + 1
D15 . . . D0
or
D7 . . . D0
Address + 2
D15 . . . D0
or
D7 . . . D0
Address + n
D15 . . .
or
D7 . . .
Don't Care


Similar Part No. - CAT93C56PI-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C56PI CATALYST-CAT93C56PI Datasheet
406Kb / 9P
   2K-Bit Microwire Serial EEPROM
More results

Similar Description - CAT93C56PI-1.8TE13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Microchip Technology
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93AA46-ISN MICROCHIP-93AA46-ISN Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93AA46 MICROCHIP-93AA46_04 Datasheet
357Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com