Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28F001NI-70TT Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT28F001NI-70TT
Description  1 Megabit CMOS Boot Block Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28F001NI-70TT Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT28F001NI-70TT Datasheet HTML 6Page - Catalyst Semiconductor CAT28F001NI-70TT Datasheet HTML 7Page - Catalyst Semiconductor CAT28F001NI-70TT Datasheet HTML 8Page - Catalyst Semiconductor CAT28F001NI-70TT Datasheet HTML 9Page - Catalyst Semiconductor CAT28F001NI-70TT Datasheet HTML 10Page - Catalyst Semiconductor CAT28F001NI-70TT Datasheet HTML 11Page - Catalyst Semiconductor CAT28F001NI-70TT Datasheet HTML 12Page - Catalyst Semiconductor CAT28F001NI-70TT Datasheet HTML 13Page - Catalyst Semiconductor CAT28F001NI-70TT Datasheet HTML 14Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
CAT28F001
10
Doc. No. 25071-00 2/98 F-1
When the Status Register indicates that programming is
complete, the Program Status bit should be checked. If
program error is detected, the Status Register should be
cleared. The internal WSM verify only detects errors for
“1s” that do not successfully program to “0s”.
The
Command Register remains in Read Status Register
mode until further commands are issued to it.
If erase/byte program is attempted while VPP = VPPL, the
Status bit (SR.5/SR.4) will be set to “1”. Erase/Program
attempts while VPPL < VPP < VPPH produce spurious
results and should not be attempted.
EMBEDDED ALGORITHMS
The CAT28F001 integrates the Quick Pulse program-
ming algorithm on-chip, using the Command Register,
Status Register and Write State Machine (WSM). On-
chip integration dramatically simplifies system software
and provides processor-like interface timings to the
Command and Status Registers. WSM operation, inter-
nal program verify, and VPP high voltage presence are
monitored and reported via appropriate Status Register
bits. Figure 4 shows a system software flowchart for
device programming.
As above, the Quick Erase algorithm is now imple-
mented internally, including all preconditioning of block
data. WSM operation, erase verify and VPP high voltage
presence are monitored and reported through the Status
Register. Additionally, if a command other than Erase
Confirm is written to the device after Erase Setup has
been written, both the Erase Status and Program Status
bits will be set to “1”. When issuing the Erase Setup and
Erase Confirm commands, they should be written to an
address within the address range of the block to be
erased. Figure 5 shows a system software flowchart for
block erase.
The entire sequence is performed with VPP at VPPH.
Abort occurs when
RP transitions to VIL, or VPP drops to
VPPL. Although the WSM is halted, byte data is partially
programmed or Block data is partially erased at the
location where it was aborted. Block erasure or a repeat
of byte programming will initialize this data to a known
value.
BOOT BLOCK PROGRAM AND ERASE
The boot block is intended to contain secure code which
will minimally bring up a system and control program-
ming and erase of other blocks of the device, if needed.
Therefore, additional “lockout” protection is provided to
guarantee data integrity. Boot block program and erase
operations are enabled through high voltage VHH on
either
RP or OE, and the normal program and erase
command sequences are used.
Reference the AC
Waveforms for Program/Erase.
If boot block program or erase is attempted while
RP is
at VIH, either the Program Status or Erase Status bit will
be set to “1”, reflective of the operation being attempted
and indicating boot block lock. Program/erase attempts
while VIH < RP < VHH produce spurious results and
should not be attempted.
NOTES:
The Write State Machine Status Bit must first be checked to
determine program or erase completion, before the
Program or Erase Status bits are checked for success.
If the Program AND Erase Status bits are set to “1s” during an
erase attempt, an improper command sequence was
entered. Attempt the operation again.
If VPP low status is detected, the Status Register must be
cleared before another program or erase operation is
attempted.
The VPP Status bit, unlike an A/D converter, does not provide
continuous indication of VPP level. The WSM interrogates
the VPP level only after the program or erase command
sequences have been entered and informs the system if
VPP has not been switched on. The VPP Status bit is not
guaranteed to report accurate feedback between VPPL and
VPPH.
SR.7 = WRITE STATE MACHINE STATUS
1 = Ready
0 = Busy
SR.6 = ERASE SUSPEND STATUS
1 = Erase Suspended
0 = Erase in Progress/Completed
SR.5 = ERASE STATUS
1 = Error in Block Erasure
0 = Successful Block Erase
SR.4 = PROGRAM STATUS
1 = Error in Byte Program
0 = Successful Byte Program
SR.3 = VPP STATUS
1 = VPP Low Detect; Operation Abort
0 = VPP Okay
SR.2 -SR.0 = RESERVED FOR FUTURE ENHANCEMENTS
These bits are reserved for future use and should be masked
out when polling the Status Register.
WSMS
ESS
ES
PS
VPPS
R
R
R
76543210


Similar Part No. - CAT28F001NI-70TT

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F001NI-12BT CATALYST-CAT28F001NI-12BT Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F001NI-12BT ONSEMI-CAT28F001NI-12BT Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001NI-12TT CATALYST-CAT28F001NI-12TT Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F001NI-12TT ONSEMI-CAT28F001NI-12TT Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001NI-90BT CATALYST-CAT28F001NI-90BT Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
More results

Similar Description - CAT28F001NI-70TT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F102 CATALYST-CAT28F102 Datasheet
159Kb / 14P
   1 Megabit CMOS Flash Memory
CAT28F010 CATALYST-CAT28F010 Datasheet
100Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010L90 ONSEMI-CAT28F010L90 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010P-15 ONSEMI-CAT28F010P-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com