Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM12457AR Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LM12457AR
Description  LM7057A/B Series - 0.70 inch 5x7 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM12457AR Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LM12457AR Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM12457AR Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM12457AR Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121816
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.20 inch 5x7 Square Dot Matrix LED Display
Internal Circuit Diagram
LM7057A (Common Cathode Row)
LM7057B (Common Anode Row)
3
2
4
5
6
7
ROW
1
2
2
3
12
7
1
14
5
8
PIN
NO.
PIN
9
NO.
COL.
13
1
411
3
10
6
4
5
72
4
6
5
3
2
ROW
1
7
1
8
5
13
PIN
NO.
9
PIN
NO.
NO.
COL.
3
12
411
10
34
6
5
12
14
Selection Guide
Part No.
Chip
Iv@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LM12457AR
LM12457BR
GaAlAs
Super Red
640
8
10
LM12457AD
LM12457BD
GaAlAs
Hi-Red
640
18
25
LM12457AO
LM12457BO
GaAsP
Orange
625
7
9
LM12457AY
LM12457BY
GaAsP
Yellow
588
8
10
LM12457AG
LM12457BG
GaP
Green
568
7
9
LM12457AUR
LM12457BUR
AlGaInP
Ultra Red
640
30
45
LM12457AUO
LM12457BUO
AlGaInP
Ultra Orange
625
45
60
LM12457AUA
LM12457BUA
AlGaInP
Ultra Amber
605
30
45
LM12457AUY
LM12457BUY
AlGaInP
Ultra Yellow
595
30
45
LM12457AUG
LM12457BUG
AlGaInP
Ultra Green
573
30
45
LM12457APG
LM12457BPG
InGaN
Pure Green
525
120
300
LM12457AUB
LM12457BUB
InGaN
Ultra Blue
470
30
45
LM12457AUW
LM12457BUW
SMD
Ultra White
\
100
120
Unit:
\
\
\
nm
mcd
mcd


Similar Part No. - LM12457AR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
List of Unclassifed Man...
LM12454 ETC-LM12454 Datasheet
1Mb / 103P
   General Purpose Controller Z84C15
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
More results

Similar Description - LM12457AR

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM7057AB LIGHTKEY-LM7057AB Datasheet
117Kb / 3P
   LM7057A/B Series - 0.70 inch 5x7 Dot Matrix LED Display
LM7057ABRG LIGHTKEY-LM7057ABRG Datasheet
74Kb / 3P
   LM7057A/BRG Series - 0.70 inch 5x7 Dual Color Dot Matrix LED Display
LM7057GH LIGHTKEY-LM7057GH Datasheet
249Kb / 3P
   LM7057G/H Series - 0.70 inch 5x7 Dot Matrix LED Display
LM7088AB LIGHTKEY-LM7088AB Datasheet
131Kb / 3P
   LM7088A/B Series - 0.70 inch 8x8 Dot Matrix LED Display
LM12057CDRG LIGHTKEY-LM12057CDRG Datasheet
168Kb / 3P
   LM12057A/B Series -1.20 inch 5x7 Dot Matrix LED Display
LM12357AB LIGHTKEY-LM12357AB Datasheet
243Kb / 3P
   LM12357A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057AB LIGHTKEY-LM12057AB Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM30057AB LIGHTKEY-LM30057AB Datasheet
139Kb / 3P
   LM30057A/B Series . 3.00 inch 5x7 Dot Matrix LED Display
LM12157ABRG LIGHTKEY-LM12157ABRG Datasheet
215Kb / 3P
   LM12157A/B Series . 1.20 inch 5x7 Dot Matrix LED Display
LM40057AB LIGHTKEY-LM40057AB Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com