Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

595D1271020R23 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 595D1271020R23
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

595D1271020R23 Datasheet(HTML) 1 Page - Vishay Siliconix

  595D1271020R23 Datasheet HTML 1Page - Vishay Siliconix 595D1271020R23 Datasheet HTML 2Page - Vishay Siliconix 595D1271020R23 Datasheet HTML 3Page - Vishay Siliconix 595D1271020R23 Datasheet HTML 4Page - Vishay Siliconix 595D1271020R23 Datasheet HTML 5Page - Vishay Siliconix 595D1271020R23 Datasheet HTML 6Page - Vishay Siliconix 595D1271020R23 Datasheet HTML 7Page - Vishay Siliconix 595D1271020R23 Datasheet HTML 8Page - Vishay Siliconix 595D1271020R23 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
595D
www.vishay.com
Vishay Sprague
Revision: 19-Aug-13
1
Document Number: 40007
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid Tantalum Chip Capacitors TANTAMOUNT®,
Conformal Coated, Maximum CV
FEATURES
• Large capacitance rating range
• Terminations: 100 % tin (2) standard tin/lead
available
• Mounting: Surface mount
• 8 mm, 12 mm tape and reel packaging available
per EIA 481 and reeling per IEC 60286-3.
7" [178 mm] standard. 13" [330 mm] available.
• Case code compatibility with EIA 535BAAC and CECC 30801
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and/or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information/tables in this datasheet for details.
PERFORMANCE CHARACTERISTICS
www.vishay.com/doc?40088
Operating Temperature: - 55 °C to + 125 °C
(above 85 °C, voltage derating is required)
Capacitance Range: 0.1 μF to 1500 μF
Capacitance Tolerance: ± 10 %, ± 20 % standard
Voltage Rating: 4 VDC to 50 VDC
Note
• Preferred tolerances and reel sizes are in bold.
We reserve the right to substitute form-fit-function replacement products with higher voltage rating, tighter capacitance tolerance, lower
ESR (e.g., 594D series), or increased reliability screening (T95 series).
Note
• The anode termination (D less B) will be a minimum of 0.012" [0.3 mm]. T case = 0.005" [0.13 mm] minimum.
Available
Available
ORDERING INFORMATION
595D
106
X0
010
A
2
T
TYPE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85 °C
CASE
CODE
TERMINATION
REEL SIZE AND
PACKAGING
This is expressed in pF.
The first two digits are
the significant figures.
The third is the number
of zeros to follow.
X0 = ± 20 %
X9 = ± 10 %
This is expressed in V.
To complete the three-digit block,
zeros precede the voltage rating.
A decimal point is indicated by an
“R” (6R3 = 6.3 V).
See Ratings
and Case
Codes table
2 = 100 % tin
4 = Gold plated
8 = Solder
plated (60/40)
Special order
Tape and reel
T = 7"
[178 mm] reel
W = 13"
[330 mm] reel
DIMENSIONS in inches [millimeters]
CASE CODE
L MAX.
W
H
A
B
D REF.
J MAX.
T
0.087
[2.2]
0.045 ± 0.012
[1.1 ± 0.3]
0.045 ± 0.012
[1.1 ± 0.3]
0.016 ± 0.008
[0.4 ± 0.2]
0.042 ± 0.010
[1.07 ± 0.25]
0.063
[1.6]
0.004
[0.1]
S
0.126 ± 0.012
[3.2 ± 0.3]
0.063 ± 0.012
[1.6 ± 0.3]
0.052 ± 0.012
[1.3 ± 0.3]
0.031 ± 0.012
[0.8 ± 0.3]
0.078 ± 0.012
[2.0 ± 0.3]
0.086
[2.2]
0.004
[0.1]
A
0.146
[3.7]
0.072 ± 0.012
[1.8 ± 0.3]
0.056 ± 0.012
[1.4 ± 0.3]
0.031 ± 0.012
[0.8 ± 0.3]
0.085 ± 0.016
[2.2 ± 0.4]
0.115
[2.9]
0.004
[0.1]
M
0.142
[3.6]
0.106 ± 0.012
[2.7 ± 0.3]
0.067 ± 0.012
[1.7 ± 0.3]
0.031 ± 0.012
[0.8 ± 0.3]
0.080 ± 0.012
[2.0 ± 0.3]
0.107
[2.7]
0.004
[0.1]
B
0.158
[4.0]
0.110 + 0.012/- 0.016
[2.8 + 0.3/- 0.4]
0.075 + 0.012/- 0.024
[1.9 + 0.3/- 0.6]
0.031 ± 0.012
[0.8 ± 0.3]
0.097 ± 0.016
[2.5 ± 0.4]
0.138
[3.5]
0.004
[0.1]
C
0.281
[7.1]
0.126 ± 0.012
[3.2 ± 0.3]
0.098 ± 0.012
[2.5 ± 0.3]
0.051 ± 0.012
[1.3 ± 0.3]
0.180 ± 0.024
[4.6 ± 0.6]
0.236
[6.0]
0.004
[0.1]
G
0.221
[5.6]
0.144 ± 0.016
[3.66 ± 0.4]
0.087 max.
[2.2 max.]
0.051 ± 0.012
[1.3 ± 0.3]
0.133 ± 0.016
[3.4 ± 0.4]
0.173
[4.4]
0.004
[0.1]
D
0.293
[7.4]
0.170 + 0.012/- 0.024
[4.3 + 0.3/- 0.6]
0.110 ± 0.012
[2.8 ± 0.3]
0.051 ± 0.012
[1.3 ± 0.3]
0.180 ± 0.024
[4.6 ± 0.6]
0.253
[6.4]
0.004
[0.1]
R
0.283
[7.2]
0.235 + 0.012/- 0.024
[6.0 + 0.3/- 0.6]
0.136 + 0.012/- 0.016
[3.5 + 0.3/- 0.4]
0.051 ± 0.012
[1.3 ± 0.3]
0.180 ± 0.024
[4.6 ± 0.6]
0.243
[6.2]
0.004
[0.1]
W
J
J
H
MAX.
MAX.
Tantalum wire
nib identifies
anode (+)
terminal
L
D
MAX.
REF.
A
B


Similar Part No. - 595D1271020R23

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D1271020R23 VISHAY-595D1271020R23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
More results

Similar Description - 595D1271020R23

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D107X9025R2T VISHAY-595D107X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0010R2T VISHAY-595D227X0010R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_17 Datasheet
334Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV
Revision: 21-Jun-17
595D476X9025R2T VISHAY-595D476X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_08 Datasheet
120Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV
Revision: 18-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com