Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28LV65P-30T Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT28LV65P-30T
Description  64K-Bit CMOS PARALLEL E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28LV65P-30T Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT28LV65P-30T Datasheet HTML 1Page - Catalyst Semiconductor CAT28LV65P-30T Datasheet HTML 2Page - Catalyst Semiconductor CAT28LV65P-30T Datasheet HTML 3Page - Catalyst Semiconductor CAT28LV65P-30T Datasheet HTML 4Page - Catalyst Semiconductor CAT28LV65P-30T Datasheet HTML 5Page - Catalyst Semiconductor CAT28LV65P-30T Datasheet HTML 6Page - Catalyst Semiconductor CAT28LV65P-30T Datasheet HTML 7Page - Catalyst Semiconductor CAT28LV65P-30T Datasheet HTML 8Page - Catalyst Semiconductor CAT28LV65P-30T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CAT28LV65
5
Preliminary
Doc. No. 25041-00 2/98
DEVICE
UNDER
TEST
Vcc
1.8 K
OUTPUT
CL INCLUDES JIG CAPACITANCE
CL= 100 pF
1. 3K
INPUT PULSE LEVELS
REFERENCE POINTS
2.0 V
0.6 V
V
- 0.3 V
0.0 V
CC
Figure 1. A.C. Testing Input/Output Waveform(4)
Figure 2. A.C. Testing Load Circuit (example)
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) A write pulse of less than 20ns duration will not initiate a write cycle.
(3) A timer of duration tBLC max. begins with every LOW to HIGH transition of WE. If allowed to time out, a page or byte write will begin;
however a transition from HIGH to LOW within tBLC max. stops the timer.
(4) Input rise and fall times (10% and 90%) < 10 ns.
28LV65 F07
28LV65-25
28LV65-30
28LV65-35
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Units
tWC
Write Cycle Time
5
5
5
ms
tAS
Address Setup Time
0
0
0
ns
tAH
Address Hold Time
100
100
100
ns
tCS
CE Setup Time
0
0
0
ns
tCH
CE Hold Time
0
0
0
ns
tCW(2)
CE Pulse Time
150
150
150
ns
tOES
OE Setup Time
10
10
10
ns
tOEH
OE Hold Time
10
10
10
ns
tWP(2)
WE Pulse Width
150
150
150
ns
tDS
Data Setup Time
100
100
100
ns
tDH
Data Hold Time
0
0
0
ns
tINIT(1)
Write Inhibit Period After Power-up
5
10
5
10
5
10
ms
tBLC(1)(3)
Byte Load Cycle Time
0.1
100
0.1
100
0.1
100
µs
tRB
WE Low to RDY/BSY Low
220
220
220
ns
A.C. CHARACTERISTICS, Write Cycle
Vcc = 3.0V to 3.6V, unless otherwise specified.
28LV65 F05


Similar Part No. - CAT28LV65P-30T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28LV65P-15T CATALYST-CAT28LV65P-15T Datasheet
74Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28LV65P-20T CATALYST-CAT28LV65P-20T Datasheet
74Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28LV65P-25T CATALYST-CAT28LV65P-25T Datasheet
74Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
More results

Similar Description - CAT28LV65P-30T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C64BJ-12 CATALYST-CAT28C64BJ-12 Datasheet
57Kb / 12P
   64K-Bit CMOS PARALLEL E2PROM
CAT28HT64 CATALYST-CAT28HT64 Datasheet
219Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64 CATALYST-CAT28LV64 Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28C65B CATALYST-CAT28C65B Datasheet
60Kb / 11P
   64K-Bit CMOS PARALLEL E2PROM
CAT28C64A CATALYST-CAT28C64A Datasheet
238Kb / 8P
   64K - BIT CMOS E2PROM
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com