Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

595D2271016R23 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 595D2271016R23
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

595D2271016R23 Datasheet(HTML) 2 Page - Vishay Siliconix

  595D2271016R23 Datasheet HTML 1Page - Vishay Siliconix 595D2271016R23 Datasheet HTML 2Page - Vishay Siliconix 595D2271016R23 Datasheet HTML 3Page - Vishay Siliconix 595D2271016R23 Datasheet HTML 4Page - Vishay Siliconix 595D2271016R23 Datasheet HTML 5Page - Vishay Siliconix 595D2271016R23 Datasheet HTML 6Page - Vishay Siliconix 595D2271016R23 Datasheet HTML 7Page - Vishay Siliconix 595D2271016R23 Datasheet HTML 8Page - Vishay Siliconix 595D2271016R23 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
595D
www.vishay.com
Vishay Sprague
Revision: 20-Jan-14
2
Document Number: 40007
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
0.10
T
0.15
T
0.22
T/A
0.33
T
A
0.47
T
A
A
0.68
T
A
A/B
1.0
T
A
A
A/B
1.5
T
A
A/B
B/C
2.2
T
T/A
A
A/B
B
B/C
3.3
T/A
A
T
A
B
B/C
C
4.7
T
A
T/A
A
A/B
B/C
B/C
C
6.8
T
T/A
A
A
A/B
B/C
C
C/D
10
T/A
A
A
A/B
B
B/C
D
D/R
15
A
A
A/B
A/B
B
C
C/D
R
22
A/B
A/B
M/B
B/C
C/D
D/R
R
33
A/B
S/A/B/C
A/B
B/C
C/D
R
47
A
A/B
B /C
B/C
C/D
D/R
R
68
A
A/B
B/C
C/D
C/D/R
D/R
100
A/B
M/B/C
B/C/D
C/D/R
C/D/R
R
120
C
C
C/D
R
R
150
B/C
D
C/D
D/R
D/R
180
D
D
D/R
R
R
220
C/D
C/G/D
C/D/R
D/R
270
C/D
R
330
C
C/D/R
D/R
R
390
D
R
R
470
C/R
D/R
R
560
R
680
D
R
R
1000
R
R
1500
R
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(μA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
4 VDC AT + 85 °C, 2.7 VDC AT + 125 °C
4.7
T
595D475(1)004T(2)(3)
0.5
6
7.80
0.06
6.8
T
595D685(1)004T(2)(3)
0.5
6
7.80
0.06
10
T
595D106(1)004T(2)(3)
0.5
6
7.80
0.06
10
A
595D106(1)004A(2)(3)
0.5
6
1.90
0.20
15
A
595D156(1)004A(2)(3)
0.6
6
1.40
0.23
33
A
595D336(1)004A(2)(3)
1.3
6
1.40
0.23
33
B
595D336(1)004B(2)(3)
1.3
6
0.47
0.43
47
A
595D476(1)004A(2)(3)
1.9
6
1.40
0.23
68
A
595D686(1)004A(2)(3)
2.7
6
1.30
0.24
100
A
595D107(1)004A(2)(3)
4.0
12
0.60
0.35
100
B
595D107(1)004B(2)(3)
4.0
8
0.45
0.43
120
C
595D127(1)004C(2)(3)
4.8
8
0.19
0.76
150
B
595D157(1)004B(2)(3)
6.0
8
0.45
0.43
150
C
595D157(1)004C(2)(3)
6.0
8
0.18
0.78
180
D
595D187(1)004D(2)(3)
7.2
8
0.14
1.04
220
C
595D227(1)004C(2)(3)
8.8
8
0.18
0.78
220
D
595D227(1)004D(2)(3)
8.8
8
0.14
1.04
Note
• Part number definitions:
(1) Tolerance: For 10 % tolerance, specify “X9”; for 20 % tolerance, change to “X0”
(2) Termination: For 100 % tin specify “2”; for gold plated specify “4”, for solder plated 60/40 specify “8”
(3) Packaging code: For 7" reels specify “T”, for 13" reels specify “W”


Similar Part No. - 595D2271016R23

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D2271016R23 VISHAY-595D2271016R23 Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
More results

Similar Description - 595D2271016R23

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D107X9025R2T VISHAY-595D107X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0010R2T VISHAY-595D227X0010R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_17 Datasheet
334Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV
Revision: 21-Jun-17
595D476X9025R2T VISHAY-595D476X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_08 Datasheet
120Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV
Revision: 18-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com