Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

593D4751050E2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 593D4751050E2
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

593D4751050E2 Datasheet(HTML) 1 Page - Vishay Siliconix

  593D4751050E2 Datasheet HTML 1Page - Vishay Siliconix 593D4751050E2 Datasheet HTML 2Page - Vishay Siliconix 593D4751050E2 Datasheet HTML 3Page - Vishay Siliconix 593D4751050E2 Datasheet HTML 4Page - Vishay Siliconix 593D4751050E2 Datasheet HTML 5Page - Vishay Siliconix 593D4751050E2 Datasheet HTML 6Page - Vishay Siliconix 593D4751050E2 Datasheet HTML 7Page - Vishay Siliconix 593D4751050E2 Datasheet HTML 8Page - Vishay Siliconix 593D4751050E2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
593D
www.vishay.com
Vishay Sprague
Revision: 04-Jul-13
1
Document Number: 40005
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid Tantalum Surface Mount Chip Capacitors
TANTAMOUNT®, Molded Case, Low ESR
Effective September 2005, new capacitor ratings will not be
added to the 593D series. All new ratings are available in the
TR3 series. The TR3 series offers state-of-the-art low ESR
for switch mode power supplies and DC/DC converters.
PERFORMANCE CHARACTERISTICS
www.vishay.com/doc?40088
Operating Temperature: - 55 °C to + 125 °C
(above + 85 °C voltage derating is required)
Capacitance Range: 0.47 μF to 680 μF
Capacitance Tolerance: ± 5 %, ± 10 %, ± 20 %
100 % Surge Current Tested (C, D and E Case Sizes)
Voltage Rating: 4 VDC to 50 VDC
FEATURES
•Low ESR
• Molded case available in five case codes
• Terminations: 100 % matte tin, standard,
tin/lead available
• High ripple current carrying capability
• Compatible with “High Volume” automatic pick and place
equipment
• Moisture sensitivity level 1
• Compliant terminations
• Meets
IEC
specification
QC300801/US0001
and
EIA535BAAC mechanical and performance requirements
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and/or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information/tables in this datasheet for details.
APPLICATIONS
• Industrial
• Telecom infrastructure
• General purpose
Notes
• We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size.
Voltage substitutions will be marked with the higher voltage rating.
Effective July 15, 2008, part numbers with solderable termination codes 2T and 2W may have either matte or tin/lead terminations.
Codes 2TE3 and 2WE3 specify only matte tin terminations. Codes 8T and 8W specify only tin/lead terminations.
Low ESR solid tantalum chip capacitors allow delta ESR of 1.25 times the datasheet limits after mounting.
• Dry pack is available per request, contact regional marketing.
Available
Available
ORDERING INFORMATION
593D
107
X9
010
D
2WE3
TYPE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85 °C
CASE CODE
TERMINATION AND PACKAGING
This is expressed in
picofarads. The first
two digits are the
significant figures.
The third is the number
of zeros to follow
X0 = ± 20 %
X9 = ± 10 %
X5 = ± 5 %
(special order)
This is expressed in volts.
To complete the three-digit
block, zeros precede the
voltage rating. A decimal
point is indicated by an “R”
(6R3 = 6.3 V)
See Ratings and
Case Codes table
2TE3: Matte tin, 7" (178 mm) reel
2WE3: Matte tin, 13" (330 mm) reel
8T: Tin/lead, 7" (178 mm) reel
8W: Tin/lead, 13" (330 mm) reel


Similar Part No. - 593D4751050E2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D475X0010A VISHAY-593D475X0010A Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
593D475X0016A VISHAY-593D475X0016A Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
593D475X0016B VISHAY-593D475X0016B Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
593D475X0020A VISHAY-593D475X0020A Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
593D475X0020B VISHAY-593D475X0020B Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
More results

Similar Description - 593D4751050E2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
593D VISHAY-593D_17 Datasheet
565Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 02-Nov-17
TR3V107K010C0150 VISHAY-TR3V107K010C0150 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 26-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com