Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9-141-Y Datasheet(PDF) 87 Page - List of Unclassifed Manufacturers

Part # 9-141-Y
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9-141-Y Datasheet(HTML) 87 Page - List of Unclassifed Manufacturers

Back Button 9-141-Y Datasheet HTML 83Page - List of Unclassifed Manufacturers 9-141-Y Datasheet HTML 84Page - List of Unclassifed Manufacturers 9-141-Y Datasheet HTML 85Page - List of Unclassifed Manufacturers 9-141-Y Datasheet HTML 86Page - List of Unclassifed Manufacturers 9-141-Y Datasheet HTML 87Page - List of Unclassifed Manufacturers 9-141-Y Datasheet HTML 88Page - List of Unclassifed Manufacturers 9-141-Y Datasheet HTML 89Page - List of Unclassifed Manufacturers 9-141-Y Datasheet HTML 90Page - List of Unclassifed Manufacturers 9-141-Y Datasheet HTML 91Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 282 page
background image
3-10
Call Toll Free: 1 (800) 323-9612
3
T
ermination Contact Termination
Designator
Style
T Min. S + .002
01*
P & S
.250
.025
02*
X & Y
.230
N/A
03**
P & S
.144
.025
04**
X & Y
.124
N/A
06*
T & W
.900
.025
Ordering Information1
CN0942 B 10 J 05 P N O1
Series Designation
Series Modification
B - Square-Flange Mount Bayonet Coupled
C - Square-Flange Mount Thread Coupled
D - Single-Hole Mount Bayonet Coupled
E - Single-Hole Mount Thread Coupled
Class
G - Cadmium/Nickel Finish
J - Anodized Finish
N - Electroless Nickel Finish
Shell Size
8, 10, 12, 14, 16, 18, 20, 22, & 24
Termination
(See table)
Shell Position
N, 6, 7, 8, 9, Y (See page 3-4)
Contact Style
• Solder Pin Terminal
P - Pin
S - Socket
• Solder Cup Terminal
X - Pin
Y - Socket
• Wire Wrap Terminal
T - Pin
W - Socket
Insert Arrangement
(See page 3-4)
CN0942/CN0944 Series (C48 Family)
Short Receptacle Connectors
Non-Removable Contacts
Ordering Information1
CN0944 B 10 R 05 P N C O1
Series Designation
CN0944
Series Modification
B - Square-Flange Mount Bayonet Coupled
C - Square-Flange Mount Thread Coupled
D - Single-Hole Mount Bayonet Coupled
E - Single-Hole Mount Thread Coupled
Environmental Class
G - Cadmium/Nickel Finish
N - Electroless Nickel Finish
R - Anodized Finish
Shell Size
8, 10, 12, 14, 16, 18, 20, 22, & 24
Termination
(See table)
Shell Position
N, 6, 7, 8, 9, Y (See page 3-4)
Contact Style
P - Pin
S - Socket
Insert Arrangement
(See page 3-4)
NOTES:
1
For other modifications, class, etc., consult factory.
For mounting hole dimensions, see page 3-20.
Termination Type
B - Solder Pin
C - Solder Cup
W - Wire Wrap
Termination Term
Termination
Designator
Type
T Min. S + .002
01*
B
.250
.025
02*
C
.230
N/A
03**
B
.144
.025
04**
C
.124
N/A
06*
W
.900
.025
* Applies to CN0942B/CN0942C.
** Applies to CN0942D/CN0942E.
CN0942 Series: Fluorosilicone Inserts
CN0944 Series: Neoprene Inserts
* Applies to CN0944B/CN0944C.
** Applies to CN0944D/CN0944E.
NOTES:
1
For other modifications, class, etc., consult factory.
For mounting hole dimensions, see page 3-20.


Similar Part No. - 9-141-Y

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-1411325-2 MACOM-9-1411325-2 Datasheet
5Mb / 64P
   GET.64 Interconnection System
9-1414964-1 MACOM-9-1414964-1 Datasheet
376Kb / 5P
   Single Nano Relay (THT ??THR)
logo
TE Connectivity Ltd
9-1415001-1 TEC-9-1415001-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
9-1415002-1 TEC-9-1415002-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
logo
Tyco Electronics
9-1415006-1 MACOM-9-1415006-1 Datasheet
426Kb / 2P
   Power PCB Relay RTH 105Celsius 16A
More results

Similar Description - 9-141-Y

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com