Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9-141-Y Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # 9-141-Y
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9-141-Y Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button 9-141-Y Datasheet HTML 38Page - List of Unclassifed Manufacturers 9-141-Y Datasheet HTML 39Page - List of Unclassifed Manufacturers 9-141-Y Datasheet HTML 40Page - List of Unclassifed Manufacturers 9-141-Y Datasheet HTML 41Page - List of Unclassifed Manufacturers 9-141-Y Datasheet HTML 42Page - List of Unclassifed Manufacturers 9-141-Y Datasheet HTML 43Page - List of Unclassifed Manufacturers 9-141-Y Datasheet HTML 44Page - List of Unclassifed Manufacturers 9-141-Y Datasheet HTML 45Page - List of Unclassifed Manufacturers 9-141-Y Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 282 page
background image
2-39
Call Toll Free: 1 (800) 323-9612
2
[.050” (1.27mm) Density
Solder Cup/Wire
D-Microminiature]
Jones
Plugs/Sockets
Series 300
Multiple Density
Solder Eyelet With Angle
Bracket/Less Angle Bracket
No. of
A
B
C
D
Contacts
in
mm
in
mm
in
mm
in
mm
2
.656
16.67
-
-
.969
24.61
1.219
30.96
3
1.000
25.40
.438
11.11
.750
19.05
1.062
26.99
4
.750
19.05
.688
17.46
1.000
25.40
1.312
33.34
6
1.000
25.40
.688
17.46
1.000
25.40
1.312
33.34
8--
--
--
--
--
--
--
--
10
1.562
39.69
.688
17.46
1.000
25.40
1.312
33.34
12
1.250
31.75
.938
23.81
1.250
31.75
1.562
39.69
15*
1.500
38.10
.938
23.81
1.250
31.75
1.562
39.69
*Special 15 contact arrangement to allow 12-position mating.
L
M
Polarizing
Reference
in
mm
in
mm
Pin
15
1.625
41.28
See note
-
NO
18
1.938
49.23
1.250
31.75
NO
21
2.250
57.15
.938
23.81
NO
24
2.563
65.10
1.250
31.75
14
27
2.875
73.03
1.562
39.69
14
30
3.188
80.98
1.875
47.63
14
33
3.500
88.90
2.188
55.58
17
NOTE: 15-position plug and socket require only two mounting brackets, mounted on center of connector.
With Angle Bracket
Less Angle Bracket
No. of
Catalog No.
Catalog No.
No. of
Catalog No.
Catalog No.
Contacts
Plug
Socket
Contacts
Plug
Socket
2
P-302-AB
S-302-AB
2
P-302-LAB
S-302-LAB
3
P-303-AB
S-303-AB
3
P-303-LAB
S-303-LAB
4
P-304-AB
S-304-AB
4
P-304-LAB
S-304-LAB
6
P-306-AB
S-306-AB
6
P-306-LAB
S-306-LAB
8
N/A
N/A
8
N/A
N/A
10
P-310-AB
N/A
10
P-310-LAB
N/A
12
P-312-AB
N/A
12
P-312-LAB
N/A
15*
N/A
S-315-12-AB
15
N/A
S-315-12-LAB
15
P-315-AB
S-315-AB
15
P-315-LAB
S-315-LAB
18
P-318-AB
S-318-AB
18
P-318-LAB
S-318-LAB
21
P-321-AB
S-321-AB
21
P-321-LAB
S-321-LAB
24
P-324-AB
S-324-AB
24
P-324-LAB
S-324-LAB
27
P-327-AB
S-327-AB
27
P-327-LAB
S-327-LAB
30
P-330-AB
S-330-AB
30
P-330-LAB
S-330-LAB
33
P-333-AB
S-333-AB
33
P-333-LAB
S-333-LAB
X = length of plug contacts. This dimension does not apply to sockets.
Y = length of plug or socket tails.
Marketed exclusively through distribution.


Similar Part No. - 9-141-Y

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-1411325-2 MACOM-9-1411325-2 Datasheet
5Mb / 64P
   GET.64 Interconnection System
9-1414964-1 MACOM-9-1414964-1 Datasheet
376Kb / 5P
   Single Nano Relay (THT ??THR)
logo
TE Connectivity Ltd
9-1415001-1 TEC-9-1415001-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
9-1415002-1 TEC-9-1415002-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
logo
Tyco Electronics
9-1415006-1 MACOM-9-1415006-1 Datasheet
426Kb / 2P
   Power PCB Relay RTH 105Celsius 16A
More results

Similar Description - 9-141-Y

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com