Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8-141-Y Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # 8-141-Y
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8-141-Y Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button 8-141-Y Datasheet HTML 32Page - List of Unclassifed Manufacturers 8-141-Y Datasheet HTML 33Page - List of Unclassifed Manufacturers 8-141-Y Datasheet HTML 34Page - List of Unclassifed Manufacturers 8-141-Y Datasheet HTML 35Page - List of Unclassifed Manufacturers 8-141-Y Datasheet HTML 36Page - List of Unclassifed Manufacturers 8-141-Y Datasheet HTML 37Page - List of Unclassifed Manufacturers 8-141-Y Datasheet HTML 38Page - List of Unclassifed Manufacturers 8-141-Y Datasheet HTML 39Page - List of Unclassifed Manufacturers 8-141-Y Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 282 page
background image
2
2-33
Barrier Block
Accessories
Fanning Strips
Catalog Numbers and Dimensions for Fanning Strips for 141 Series Terminal Blocks
Straight Type
No. of
Terminals
Catalog No.
Catalog No.
2
2-161-R
2-161-L
3
3-161-R
3-161-L
4
4-161-R
4-161-L
5
5-161-R
5-161-L
6
6-161-R
6-161-L
7
7-161-R
7-161-L
8
8-161-R
8-161-L
9
9-161-R
9-161-L
10
10-161-R
10-161-L
11
11-161-R
11-161-L
12
12-161-R
12-161-L
13
13-161-R
13-161-L
14
14-161-R
14-161-L
15
15-161-R
15-161-L
16
16-161-R
16-161-L
17
17-161-R
17-161-L
18
18-161-R
18-161-L
19
19-161-R
19-161-L
20
20-161-R
20-161-L
Right-Angle Type
No. of
Terminals
Catalog No.
Catalog No.
2
2-161A-R
2-161A-L
3
3-161A-R
3-161A-L
4
4-161A-R
4-161A-L
5
5-161A-R
5-161A-L
6
6-161A-R
6-161A-L
7
7-161A-R
7-161A-L
8
8-161A-R
8-161A-L
9
9-161A-R
9-161A-L
10
10-161A-R
10-161A-L
11
11-161A-R
11-161A-L
12
12-161A-R
12-161A-L
13
13-161A-R
13-161A-L
14
14-161A-R
14-161A-L
15
15-161A-R
15-161A-L
16
16-161A-R
16-161A-L
17
17-161A-R
17-161A-L
18
18-161A-R
18-161A-L
19
19-161A-R
19-161A-L
20
20-161A-R
20-161A-L
Catalog No. 5-161A-R
Catalog No. 5-161-R
Marketed exclusively through distribution.
Dimensions
Dimensions
Call Toll Free: 1 (800) 323-9612


Similar Part No. - 8-141-Y

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
8-1414964-5 TEC-8-1414964-5 Datasheet
298Kb / 4P
   Small power relay
8-1415001-1 TEC-8-1415001-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
logo
Tyco Electronics
8-1415006-1 MACOM-8-1415006-1 Datasheet
426Kb / 2P
   Power PCB Relay RTH 105Celsius 16A
logo
TE Connectivity Ltd
8-1415006-1 TEC-8-1415006-1 Datasheet
283Kb / 2P
   5kV/10mm coil-contact
8-1415011-1 TEC-8-1415011-1 Datasheet
339Kb / 3P
   2 pole relay with force guided contacts according to EN 50205
More results

Similar Description - 8-141-Y

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com