Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM20088BR Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LM20088BR
Description  2.00 inch 8x8 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM20088BR Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LM20088BR Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM20088BR Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM20088BR Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121828
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 2.00 inch 8x8 Dot Matrix LED Display
Internal Circuit Diagram
LM20088A (Common Cathode Row)
LM20088B (Common Anode Row)
5,6,7,8,9,10,11,12 NO CONNECT
22
23
24
7
8
6
21
4
5
3
4
3
PIN
NO.
ROW
NO.
PIN
2
1
2
1
COL.
1
20
2
19
3
18
4
17
5
16
6
15
7
14
8
13
3
5
4
6
8
7
22
24
23
3
21
4
2
ROW
1
NO.
PIN
2
1
COL.
NO.
PIN
5,6,7,8,9,10,11,12 NO CONNECT
1
20
2
19
3
18
4
17
5
16
6
15
7
14
8
13
Selection Guide
Part No.
Chip
Iv@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LM20088AR
LM20088BR
GaAlAs
Super Red
640
8
10
LM20088AD
LM20088BD
GaAlAs
Hi-Red
640
18
25
LM20088AO
LM20088BO
GaAsP
Orange
625
7
9
LM20088AY
LM20088BY
GaAsP
Yellow
588
8
10
LM20088AG
LM20088BG
GaP
Green
568
7
9
LM20088AUR
LM20088BUR
AlGaInP
Ultra Red
640
30
45
LM20088AUO
LM20088BUO
AlGaInP
Ultra Orange
625
45
60
LM20088AUA
LM20088BUA
AlGaInP
Ultra Amber
605
30
45
LM20088AUY
LM20088BUY
AlGaInP
Ultra Yellow
595
30
45
LM20088AUG
LM20088BUG
AlGaInP
Ultra Green
573
30
45
LM20088APG
LM20088BPG
InGaN
Pure Green
525
120
300
LM20088AUB
LM20088BUB
InGaN
Ultra Blue
470
30
45
LM20088AUW
LM20088BUW
SMD
Ultra White
\
100
120
Unit:
\
\
\
nm
mcd
mcd


Similar Part No. - LM20088BR

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM20088BRG LIGHTKEY-LM20088BRG Datasheet
276Kb / 3P
   2.00 inch 8x8 Dual Color Dot Matrix LED Display
More results

Similar Description - LM20088BR

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM23088AB LIGHTKEY-LM23088AB Datasheet
227Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM20088ABRG LIGHTKEY-LM20088ABRG Datasheet
276Kb / 3P
   2.00 inch 8x8 Dual Color Dot Matrix LED Display
LM19088CD LIGHTKEY-LM19088CD Datasheet
228Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM15088CD LIGHTKEY-LM15088CD Datasheet
226Kb / 3P
   1.50 inch 8x8 Dot Matrix LED Display
LM19088EFRG LIGHTKEY-LM19088EFRG Datasheet
296Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM20057AB LIGHTKEY-LM20057AB Datasheet
192Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
LM20157AB LIGHTKEY-LM20157AB Datasheet
158Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
LM23088BURPGUB LIGHTKEY-LM23088BURPGUB Datasheet
159Kb / 3P
   2.30 inch 8x8 RGB Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-88035V9 CHINASEMI-CSM-88035V9 Datasheet
217Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88137M9 CHINASEMI-CSM-88137M9 Datasheet
225Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com