Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT1G66GW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AHCT1G66GW
Description  74AHC1G66; 74AHCT1G66 Single-pole single-throw analog switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT1G66GW Datasheet(HTML) 4 Page - NXP Semiconductors

  74AHCT1G66GW Datasheet HTML 1Page - NXP Semiconductors 74AHCT1G66GW Datasheet HTML 2Page - NXP Semiconductors 74AHCT1G66GW Datasheet HTML 3Page - NXP Semiconductors 74AHCT1G66GW Datasheet HTML 4Page - NXP Semiconductors 74AHCT1G66GW Datasheet HTML 5Page - NXP Semiconductors 74AHCT1G66GW Datasheet HTML 6Page - NXP Semiconductors 74AHCT1G66GW Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G66GW Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G66GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
74AHC_AHCT1G66_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 18 December 2008
4 of 17
NXP Semiconductors
74AHC1G66; 74AHCT1G66
Single-pole single-throw analog switch
[1]
To avoid drawing VCC current out of pin Z, when switch current flows in pin Y, the voltage drop across the bidirectional switch must not
exceed 0.4 V. If the switch current flows into pin Z, no VCC current will flow out of terminal Y. In this case there is no limit for the voltage
drop across the switch, but the voltage at pins Y and Z may not exceed VCC or GND.
[2]
Applies to control signal levels.
10. Static characteristics
Tamb
ambient temperature
−40
+25
+125
−40
+25
+125
°C
∆t/∆V
input transition rise and
fall rate
VCC = 3.3 ± 0.3 V
[2]
-
-
100
-
-
-
ns/V
VCC = 5.0 ± 0.5 V
[2]
-
-
20
-
-
20
ns/V
Table 6.
Recommended operating conditions …continued
Voltages are referenced to GND (ground = 0 V).[1]
Symbol
Parameter
Conditions
74AHC1G66
74AHCT1G66
Unit
Min
Typ
Max
Min
Typ
Max
Table 7.
Static characteristics
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
74AHC1G66
VIH
HIGH-level
input voltage
VCC = 2.0 V
1.5
-
-
1.5
-
1.5
-
V
VCC = 3.0 V
2.1
-
-
2.1
-
2.1
-
V
VCC = 5.5 V
3.85
-
-
3.85
-
3.85
-
V
VIL
LOW-level
input voltage
VCC = 2.0 V
-
-
0.5
-
0.5
-
0.5
V
VCC = 3.0 V
-
-
0.9
-
0.9
-
0.9
V
VCC = 5.5 V
-
-
1.65
-
1.65
-
1.65
V
II
input leakage
current
VI = 5.5 V or GND;
VCC = 5.5 V
-
-
0.1
-
1.0
-
2.0
µA
IS(OFF)
OFF-state
leakage
current
Y or Z; VCC = 5.5 V;
see Figure 4
-
-
0.1
-
1.0
-
4.0
µA
IS(ON)
ON-state
leakage
current
Y or Z; VCC = 5.5 V;
see Figure 5
-
-
0.1
-
1.0
-
4.0
µA
ICC
supply current E, Y or Z = VCC or GND;
VCC = 5.5 V
-
-
1.0
-
10
-
40
µA
CI
input
capacitance
E input
-
2.0
10
-
10
-
10
pF
CS(ON)
ON-state
capacitance
Y or Z input or output
-
4.0
10
-
10
-
10
pF
74AHCT1G66
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
2.0
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
-
0.8
-
0.8
V
II
input leakage
current
VI = 5.5 V or GND;
VCC = 5.5 V
-
-
0.1
-
1.0
-
2.0
µA


Similar Part No. - 74AHCT1G66GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT1G66GW PHILIPS-74AHCT1G66GW Datasheet
108Kb / 24P
   Bilateral switch
2002 Jun 06
74AHCT1G66GW NXP-74AHCT1G66GW Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
logo
Nexperia B.V. All right...
74AHCT1G66GW NEXPERIA-74AHCT1G66GW Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74AHCT1G66GW-Q100 NEXPERIA-74AHCT1G66GW-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66GW-Q100 NEXPERIA-74AHCT1G66GW-Q100 Datasheet
262Kb / 16P
   Single-pole single-throw analog switch
Rev. 2 - 11 January 2022
More results

Similar Description - 74AHCT1G66GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
logo
Nexperia B.V. All right...
74HC1G66-Q100 NEXPERIA-74HC1G66-Q100 Datasheet
730Kb / 19P
   Single-pole single-throw analog switch
74AHCAHC1G66-Q100 NEXPERIA-74AHCAHC1G66-Q100 Datasheet
262Kb / 16P
   Single-pole single-throw analog switch
Rev. 2 - 11 January 2022
logo
NXP Semiconductors
74HC1G66 NXP-74HC1G66 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
74AHC_AHCT1G66 PHILIPS-74AHC_AHCT1G66_15 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
HEF4066B NXP-HEF4066B Datasheet
127Kb / 16P
   Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com