Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

64LC20 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # 64LC20
Description  1K/2K/4K-Bit SPI Serial E2PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

64LC20 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  64LC20 Datasheet HTML 1Page - Catalyst Semiconductor 64LC20 Datasheet HTML 2Page - Catalyst Semiconductor 64LC20 Datasheet HTML 3Page - Catalyst Semiconductor 64LC20 Datasheet HTML 4Page - Catalyst Semiconductor 64LC20 Datasheet HTML 5Page - Catalyst Semiconductor 64LC20 Datasheet HTML 6Page - Catalyst Semiconductor 64LC20 Datasheet HTML 7Page - Catalyst Semiconductor 64LC20 Datasheet HTML 8Page - Catalyst Semiconductor 64LC20 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Discontinued
Parts
3
CAT64LC10/20/40
Doc. No. 1021, Rev. C
D.C. OPERATING CHARACTERISTICS
VCC = +2.5V to +6.0V, unless otherwise specified.
Note:
(1) VOH and VOL spec applies to READY/BUSY pin also
Limits
Sym.
Parameter
Min.
Typ.
Max.
UnitsTes
t Conditions
ICC
Operating Current
2.5V
0.4
mA
fSK = 250 kHz
EWEN, EWDS, READ 6.0V
1
mA
fSK = 1 MHz
ICCP
Program Current
2.5V
2
mA
6.0V
3
mA
ISB(1)
Standby Current
3
µAVIN = GND or VCC
CS = VCC
ILI
Input Leakage Current
2
µAVIN = GND to VCC
ILO
Output Leakage Current
10
µAVOUT = GND to VCC
VIL
Low Level Input Voltage, DI
–0.1
VCC x 0.3
V
VIH
High Level Input Voltage, DI
VCC x 0.7
VCC + 0.5
V
VIL
Low Level Input Voltage,
–0.1
VCC x 0.2
V
CS, SK, RESET
VIH
High Level Input Voltage,
VCC x 0.8
VCC + 0.5
V
CS, SK, RESET
VOH(1) High Level Output Voltage
2.5V
VCC – 0.3
V
IOH = –10
µA
6.0V
VCC – 0.3
V
IOH = –10
µA
2.4
V
IOH = –400
µA
VOL(1) Low Level Output Voltage
2.5V
0.4
V
IOL = 10
µA
6.0V
0.4
V
IOL = 2.1mA


Similar Part No. - 64LC20

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
64LC64FTEMNY MICROCHIP-64LC64FTEMNY Datasheet
492Kb / 30P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
64LC64FTEMS MICROCHIP-64LC64FTEMS Datasheet
492Kb / 30P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
64LC64FTEOT MICROCHIP-64LC64FTEOT Datasheet
492Kb / 30P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
64LC64FTEP MICROCHIP-64LC64FTEP Datasheet
492Kb / 30P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
64LC64FTESN MICROCHIP-64LC64FTESN Datasheet
492Kb / 30P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
More results

Similar Description - 64LC20

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
ATMEL Corporation
AT25040A ATMEL-AT25040A Datasheet
392Kb / 18P
   SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com