Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

293D1551016A2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 293D1551016A2
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

293D1551016A2 Datasheet(HTML) 2 Page - Vishay Siliconix

  293D1551016A2 Datasheet HTML 1Page - Vishay Siliconix 293D1551016A2 Datasheet HTML 2Page - Vishay Siliconix 293D1551016A2 Datasheet HTML 3Page - Vishay Siliconix 293D1551016A2 Datasheet HTML 4Page - Vishay Siliconix 293D1551016A2 Datasheet HTML 5Page - Vishay Siliconix 293D1551016A2 Datasheet HTML 6Page - Vishay Siliconix 293D1551016A2 Datasheet HTML 7Page - Vishay Siliconix 293D1551016A2 Datasheet HTML 8Page - Vishay Siliconix 293D1551016A2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
293D
www.vishay.com
Vishay Sprague
Revision: 18-Mar-14
2
Document Number: 40002
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Rating in development, contact factory for availability.
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
63 V
75 V
0.10
AA
A
A (1)
0.15
AA/B
B (1)
0.22
AA/B
B (1)
0.33
AA
A/B
B (1)
0.47
A
A
A
A/B
A/B/C
B (1)
0.68
A
A
A
A/B
B/C
C (1)
1.0
A
A
A/B
A/B
A/B
B/C
D (1)
1.5
A
A
A/B
A/B
A/B
B/C
B/C/D
D (1)
2.2
A
A
A/B
A/B
A/B
A/B/C
B/C
B/C/D
D (1)
3.3
A
A/B
A/B
A/B
A/B/C
A/B/C
B/C/D
C/D
D (1)
4.7
A/B
A/B
A/B/C
A/B/C
A/B/C
A/B/C/D
B/C/D
C/D/E
D
E
6.8
A/B
A/B
A/B/C
A/B/C
A/B/C
B/C/D
C/D
D/E
10
A/B
A/B/C
A/B/C
A/B/C/D
B/C/D
B/C/D
C/D
D/E
E
15
A/B/C
A/B/C
A/B/C
B/C
B/C/D
B/C/D
D/E
E
22
A/B/C
A/B/C
A/B/C/D
B/C/D
B/C/D
C/D/E/V
D/E
33
A/B/C
A/B/C
B/C/D
B/C/D
C/D
D/E
47
A/B/C
A/B/C/D
B/C/D
C/D/E
D/E
D/E
68
B/C/D
B/C/D
B/C/D/E/V
D/E
D/E
E
100
A/B/C/D
B/C/D/E
B/C/D/E/V
D/E/V
D/E
120
D
D
E
150
B/C/D
C/D/E
C/D/E
D/E
220
B/C/D/E
C/D/E
D/E/V
E
330
D/E
D/E
D/E
470
D/E
D/E
E
680
D/E
E
1000
E
E
MARKING
“A” CASE VOLTAGE CODE
VOLTS
CODE
4.0
G
6.3
J
10
A
16
C
20
D
25
E
35
V
50
T
Marking
Capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating. “A” Case capacitors use a letter
code for the voltage and EIA capacitance code.
The Vishay Sprague® trademark is included if space permits. Capacitors rated at 6.3 V are marked 6 V.
A manufacturing date code is marked on all capacitors.
Capacitors may bear TP3 marking scheme if parts are substituted with high performance automotive grade TP3 family products.
This includes, for example, letter “P” as shown below.
Call the factory for further explanation.
Capacitance Code, pF
Indicates
Lead (Pb)-free
Polarity Band (+)
Voltage
Code
V 104L
A Case
Date Code
Vishay
Sprague Logo
Indicates
Lead (Pb)-free
Voltage
Capacitance, μF
Polarity
Band (+)
22
10L
XX
2
B, C, D, E, V Cases


Similar Part No. - 293D1551016A2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D1551016A2 VISHAY-293D1551016A2 Datasheet
109Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 05-May-08
293D1551016A2 VISHAY-293D1551016A2 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
More results

Similar Description - 293D1551016A2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D105X9035B2T VISHAY-293D105X9035B2T Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
293D107X9020E2TE3 VISHAY-293D107X9020E2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 21-Mar-13
293D225X9020B2TE3 VISHAY-293D225X9020B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT , Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
293D475X9025C2T VISHAY-293D475X9025C2T Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
293D106X0050E2TE3 VISHAY-293D106X0050E2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 21-Mar-13
293D105X0035B2TE3 VISHAY-293D105X0035B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D106X9025C2TE3 VISHAY-293D106X9025C2TE3 Datasheet
150Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 21-Mar-13
293D106X9010B2W VISHAY-293D106X9010B2W Datasheet
129Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 30-Aug-12
293D106X9025D2TE3 VISHAY-293D106X9025D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D106X9035D2TE3 VISHAY-293D106X9035D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com