Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8-141 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # 8-141
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8-141 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button 8-141 Datasheet HTML 37Page - List of Unclassifed Manufacturers 8-141 Datasheet HTML 38Page - List of Unclassifed Manufacturers 8-141 Datasheet HTML 39Page - List of Unclassifed Manufacturers 8-141 Datasheet HTML 40Page - List of Unclassifed Manufacturers 8-141 Datasheet HTML 41Page - List of Unclassifed Manufacturers 8-141 Datasheet HTML 42Page - List of Unclassifed Manufacturers 8-141 Datasheet HTML 43Page - List of Unclassifed Manufacturers 8-141 Datasheet HTML 44Page - List of Unclassifed Manufacturers 8-141 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 282 page
background image
2-38
DURA-CON®
High Reliability
All-Plastic
2
Call Toll Free: 1 (800) 323-9612
Jones
Plugs/Sockets
Series 300
Multiple Density
Solder Eyelet
Mounting Dimensions
AB
C
D
Reference
in
mm
in
mm
in
mm
in
mm
303
.453
11.51
1.016
25.81
.750
19.05
-
-
304
.719
18.26
.781
19.84
1.000
25.40
-
-
306
.719
18.26
1.031
26.19
1.000
25.40
-
-
308
.719
18.26
1.281
32.54
1.000
25.40
-
-
310
.719
18.26
1.578
40.08
1.000
25.40
-
-
312
.953
24.21
1.266
32.16
1.250
31.75
-
-
315-12
.953
24.21
1.516
38.51
1.250
31.75
-
-
315
1.016
25.81
1.641
41.68
1.375
34.93
-
-
318
1.016
25.81
1.953
49.61
1.375
34.93
.625
15.88
321
1.016
25.81
2.266
57.56
1.375
34.93
.469
11.91
324
1.016
25.81
2.578
65.48
1.375
34.93
.625
15.88
327
1.016
25.81
2.891
73.43
1.375
34.93
.781
19.84
330
1.016
25.81
3.203
81.36
1.375
34.93
.938
23.83
333
1.016
25.81
3.516
89.31
1.375
34.93
1.094
27.79
NOTE: For 300 Series 2 through 33 contact angle bracket connectors. All mounting holes are .156" (3.96mm) dia. Maximum chassis
thickness is .063" (1.59mm) for bottom mounting. Mounting holes are located on center line unless otherwise shown.
Marketed exclusively through distribution.


Similar Part No. - 8-141

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
8-1414964-5 TEC-8-1414964-5 Datasheet
298Kb / 4P
   Small power relay
8-1415001-1 TEC-8-1415001-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
logo
Tyco Electronics
8-1415006-1 MACOM-8-1415006-1 Datasheet
426Kb / 2P
   Power PCB Relay RTH 105Celsius 16A
logo
TE Connectivity Ltd
8-1415006-1 TEC-8-1415006-1 Datasheet
283Kb / 2P
   5kV/10mm coil-contact
8-1415011-1 TEC-8-1415011-1 Datasheet
339Kb / 3P
   2 pole relay with force guided contacts according to EN 50205
More results

Similar Description - 8-141

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com