Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

293D1071010D2 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 293D1071010D2
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

293D1071010D2 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button 293D1071010D2 Datasheet HTML 3Page - Vishay Siliconix 293D1071010D2 Datasheet HTML 4Page - Vishay Siliconix 293D1071010D2 Datasheet HTML 5Page - Vishay Siliconix 293D1071010D2 Datasheet HTML 6Page - Vishay Siliconix 293D1071010D2 Datasheet HTML 7Page - Vishay Siliconix 293D1071010D2 Datasheet HTML 8Page - Vishay Siliconix 293D1071010D2 Datasheet HTML 9Page - Vishay Siliconix 293D1071010D2 Datasheet HTML 10Page - Vishay Siliconix 293D1071010D2 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
293D
www.vishay.com
Vishay Sprague
Revision: 04-Jul-13
7
Document Number: 40002
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
20 VDC AT + 85 °C; 13 VDC AT + 125 °C
0.47
A
293D474(1)020A(2)
0.5
4
14.00
0.07
0.68
A
293D684(1)020A(2)
0.5
4
10.00
0.09
1.0
A
293D105(1)020A(2)
0.5
4
8.40
0.09
1.0
B
293D105(1)020B(2)
0.5
4
9.00
0.10
1.5
A
293D155(1)020A(2)
0.5
6
6.30
0.11
1.5
B
293D155(1)020B(2)
0.5
4.8
5.60
0.12
2.2
A
293D225(1)020A(2)
0.5
6
5.90
0.11
2.2
B
293D225(1)020B(2)
0.5
6
3.50
0.16
3.3
A
293D335(1)020A(2)
0.7
6
5.90
0.11
3.3
B
293D335(1)020B(2)
0.7
6
3.00
0.17
3.3
C
293D335(1)020C(2)
0.8
6
2.30
0.22
4.7
A
293D475(1)020A(2)
0.9
6
5.00
0.12
4.7
B
293D475(1)020B(2)
0.9
6
2.90
0.17
4.7
C
293D475(1)020C(2)
0.9
6
2.30
0.22
6.8
A
293D685(1)020A(2)
1.4
6
4.50
0.13
6.8
B
293D685(1)020B(2)
1.4
6
2.50
0.18
6.8
C
293D685(1)020C(2)
1.4
6
1.90
0.24
10
B
293D106(1)020B(2)
2.0
6
2.10
0.20
10
C
293D106(1)020C(2)
2.0
6
1.70
0.25
10
D
293D106(1)020D(2)
2.0
6
1.00
0.38
15
B
293D156(1)020B(2)
3.0
6
2.30
0.19
15
C
293D156(1)020C(2)
3.0
6
1.50
0.27
15
D
293D156(1)020D(2)
3.0
6
0.90
0.41
22
B
293D226(1)020B(2)
4.4
6
2.10
0.20
22
C
293D226(1)020C(2)
4.4
6
1.10
0.32
22
D
293D226(1)020D(2)
4.4
6
0.70
0.46
33
C
293D336(1)020C(2)
6.6
6
1.00
0.33
33
D
293D336(1)020D(2)
6.6
6
0.70
0.46
47
D
293D476(1)020D(2)
9.4
6
0.70
0.46
47
E
293D476(1)020E(2)
9.4
6
0.60
0.52
68
D
293D686(1)020D(2)
13.6
6
0.70
0.46
68
E
293D686(1)020E(2)
13.6
6
0.60
0.52
100
D
293D107(1)020D(2)
20.0
8
0.60
0.50
100
E
293D107(1)020E(2)
20.0
8
0.50
0.57
25 VDC AT + 85 °C; 17 VDC AT + 125 °C
0.10
A
293D104(1)025A(2)
0.5
4
20.00
0.06
0.33
A
293D334(1)025A(2)
0.5
4
13.00
0.08
0.47
A
293D474(1)025A(2)
0.5
4
12.00
0.08
0.68
A
293D684(1)025A(2)
0.5
4
8.40
0.09
1.0
A
293D105(1)025A(2)
0.5
4
7.60
0.10
1.0
B
293D105(1)025B(2)
0.5
4
5.00
0.13
1.5
A
293D155(1)025A(2)
0.5
6
6.70
0.11
1.5
B
293D155(1)025B(2)
0.5
6
4.60
0.14
2.2
A
293D225(1)025A(2)
0.6
6
6.30
0.11
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(μA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Tolerance: X0, X9
(2) Terminations and packaging: 2TE3, 2WE3, 8T, 8W
(3) Lead (Pb)-free terminations and packaging codes: 2TE3, 2WE3


Similar Part No. - 293D1071010D2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D1071010D2 VISHAY-293D1071010D2 Datasheet
109Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 05-May-08
293D1071010D2 VISHAY-293D1071010D2 Datasheet
469Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 18-Mar-14
More results

Similar Description - 293D1071010D2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D105X9035B2T VISHAY-293D105X9035B2T Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
293D107X9020E2TE3 VISHAY-293D107X9020E2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 21-Mar-13
293D225X9020B2TE3 VISHAY-293D225X9020B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT , Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
293D157X0016E2TE3 VISHAY-293D157X0016E2TE3 Datasheet
469Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 18-Mar-14
293D106X0050E2TE3 VISHAY-293D106X0050E2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 21-Mar-13
293D105X0035B2TE3 VISHAY-293D105X0035B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D106X9025C2TE3 VISHAY-293D106X9025C2TE3 Datasheet
150Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 21-Mar-13
293D106X9010B2W VISHAY-293D106X9010B2W Datasheet
129Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 30-Aug-12
293D106X9025D2TE3 VISHAY-293D106X9025D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D106X9035D2TE3 VISHAY-293D106X9035D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com