Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

593D6861020D2 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 593D6861020D2
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

593D6861020D2 Datasheet(HTML) 5 Page - Vishay Siliconix

  593D6861020D2 Datasheet HTML 1Page - Vishay Siliconix 593D6861020D2 Datasheet HTML 2Page - Vishay Siliconix 593D6861020D2 Datasheet HTML 3Page - Vishay Siliconix 593D6861020D2 Datasheet HTML 4Page - Vishay Siliconix 593D6861020D2 Datasheet HTML 5Page - Vishay Siliconix 593D6861020D2 Datasheet HTML 6Page - Vishay Siliconix 593D6861020D2 Datasheet HTML 7Page - Vishay Siliconix 593D6861020D2 Datasheet HTML 8Page - Vishay Siliconix 593D6861020D2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
593D
www.vishay.com
Vishay Sprague
Revision: 04-Jul-13
5
Document Number: 40005
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
16 VDC AT + 85 °C; 10 VDC AT + 125 °C
1.0
A
593D105(1)016A(2)
0.5
4
5.500
0.12
3.3
A
593D335(1)016A(2)
0.5
6
3.500
0.15
4.7
A
593D475(1)016A(2)
0.8
6
2.500
0.17
4.7
B
593D475(1)016B(2)
0.8
6
1.500
0.24
6.8
A
593D685(1)016A(2)
1.1
6
3.000
0.16
10
A
593D106(1)016A(2)
1.6
6
1.700
0.21
10
B
593D106(1)016B(2)
1.6
6
0.800
0.33
10
C
593D106(1)016C(2)
1.6
6
0.450
0.49
15
B
593D156(1)016B(2)
2.4
6
0.800
0.33
15
C
593D156(1)016C(2)
2.4
6
0.400
0.52
22
B
593D226(1)016B(2)
3.5
6
0.700
0.35
22
C
593D226(1)016C(2)
3.5
6
0.350
0.56
33
B
593D336(1)016B(2)
5.3
6
0.700
0.35
33
C
593D336(1)016C(2)
5.3
6
0.300
0.61
33
D
593D336(1)016D(2)
4.2
4
0.225
0.82
47
C
593D476(1)016C(2)
7.5
6
0.300
0.61
47
D
593D476(1)016D(2)
7.5
6
0.150
1.00
68
D
593D686(1)016D(2)
10.9
6
0.150
1.00
100
D
593D107(1)016D(2)
16.0
8
0.125
1.10
100
E
593D107(1)016E(2)
16.0
8
0.100
1.28
150
E
593D157(1)016E(2)
24.0
8
0.100
1.28
20 VDC AT + 85 °C; 13 VDC AT + 125 °C
1.0
A
593D105(1)020A(2)
0.5
4
5.500
0.12
2.2
A
593D225(1)020A(2)
0.5
6
4.000
0.14
3.3
A
593D335(1)020A(2)
0.7
6
4.000
0.14
4.7
A
593D475(1)020A(2)
0.9
6
3.500
0.15
4.7
B
593D475(1)020B(2)
0.9
6
1.000
0.29
6.8
B
593D685(1)020B(2)
1.4
6
1.000
0.29
10
B
593D106(1)020B(2)
2.0
6
1.000
0.29
10
C
593D106(1)020C(2)
2.0
6
0.450
0.49
15
B
593D156(1)020B(2)
3.0
6
1.000
0.29
15
C
593D156(1)020C(2)
3.0
6
0.400
0.52
22
C
593D226(1)020C(2)
4.4
6
0.375
0.54
22
D
593D226(1)020D(2)
3.5
4
0.225
0.82
33
C
593D336(1)020C(2)
6.6
6
0.350
0.56
33
D
593D336(1)020D(2)
6.6
6
0.200
0.87
47
D
593D476(1)020D(2)
9.4
6
0.200
0.87
47
E
593D476(1)020E(2)
7.5
4
0.150
1.05
68
D
593D686(1)020D(2)
13.6
6
0.175
0.93
68
E
593D686(1)020E(2)
13.6
6
0.150
1.05
100
E
593D107(1)020E(2)
20.0
8
0.150
1.05
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(μA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Tolerance: X0, X9, X5
(2) Terminations and packaging: 2TE3, 2WE3, 8T, 8W


Similar Part No. - 593D6861020D2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D686X0004B VISHAY-593D686X0004B Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
593D686X0004C VISHAY-593D686X0004C Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
593D686X0010C VISHAY-593D686X0010C Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
593D686X0010D VISHAY-593D686X0010D Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
593D686X0016D VISHAY-593D686X0016D Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
More results

Similar Description - 593D6861020D2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
593D VISHAY-593D_17 Datasheet
565Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 02-Nov-17
TR3V107K010C0150 VISHAY-TR3V107K010C0150 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 26-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com