Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

593D1061016C2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 593D1061016C2
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

593D1061016C2 Datasheet(HTML) 3 Page - Vishay Siliconix

  593D1061016C2 Datasheet HTML 1Page - Vishay Siliconix 593D1061016C2 Datasheet HTML 2Page - Vishay Siliconix 593D1061016C2 Datasheet HTML 3Page - Vishay Siliconix 593D1061016C2 Datasheet HTML 4Page - Vishay Siliconix 593D1061016C2 Datasheet HTML 5Page - Vishay Siliconix 593D1061016C2 Datasheet HTML 6Page - Vishay Siliconix 593D1061016C2 Datasheet HTML 7Page - Vishay Siliconix 593D1061016C2 Datasheet HTML 8Page - Vishay Siliconix 593D1061016C2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
593D
www.vishay.com
Vishay Sprague
Revision: 04-Jul-13
3
Document Number: 40005
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MARKING
“A” CASE VOLTAGE CODE
VOLTS
CODE
4.0
G
6.3
J
10
A
16
C
20
D
25
E
35
V
50
T
Marking
Capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating. “A” Case capacitors use a letter
code for the voltage and EIA capacitance code.
The Vishay Sprague® trademark is included if space permits. Capacitors rated at 6.3 V are marked 6 V.
A manufacturing date code is marked on all capacitors.
Capacitors may bear a different marking scheme if a part with more extensive screening is substituted. These would include, for example,
“R” for low ESR series (TR3) or “P” for professional series (TP3).
Call the factory for further explanation.
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(μA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
4 VDC AT + 85 °C; 2.7 VDC AT + 125 °C
15
A
593D156(1)004A(2)
0.6
6
1.500
0.22
22
A
593D226(1)004A(2)
0.9
6
1.500
0.22
33
A
593D336(1)004A(2)
1.3
6
1.500
0.22
33
B
593D336(1)004B(2)
1.3
6
0.500
0.41
47
A
593D476(1)004A(2)
1.9
14
0.800
0.31
47
B
593D476(1)004B(2)
1.9
6
0.500
0.41
68
B
593D686(1)004B(2)
2.7
6
0.500
0.41
68
C
593D686(1)004C(2)
2.7
6
0.275
0.63
100
B
593D107(1)004B(2)
4.0
8
0.450
0.43
100
C
593D107(1)004C(2)
4.0
6
0.225
0.66
150
B
593D157(1)004B(2)
6.0
14
0.500
0.41
150
C
593D157(1)004C(2)
6.0
12
0.250
0.66
150
D
593D157(1)004D(2)
6.0
8
0.150
1.00
220
C
593D227(1)004C(2)
8.8
8
0.200
0.74
220
D
593D227(1)004D(2)
8.8
8
0.150
1.00
330
D
593D337(1)004D(2)
13.2
8
0.150
1.00
470
D
593D477(1)004D(2)
18.8
10
0.125
1.10
470
E
593D477(1)004E(2)
18.8
10
0.100
1.28
680
E
593D687(1)004E(2)
27.2
12
0.100
1.28
6.3 VDC AT + 85 °C; 4 VDC AT 125 °C
10
A
593D106(1)6R3A(2)
0.6
6
2.000
0.19
15
A
593D156(1)6R3A(2)
0.9
6
2.000
0.19
22
A
593D226(1)6R3A(2)
1.3
6
2.000
0.19
22
B
593D226(1)6R3B(2)
1.3
6
0.600
0.38
33
A
593D336(1)6R3A(2)
2.0
14
0.800
0.31
Note
• Part number definitions:
(1) Tolerance: X0, X9, X5
(2) Terminations and packaging: 2TE3, 2WE3, 8T, 8W
Capacitance Code, pF
Indicates Lead (Pb)-free
Polarity Band
Voltage Code
V 104L
A Case
Data Code
Vishay
Sprague Logo
Indicates
Lead (Pb)-free
Voltage
Capacitance
μF
Polarity Band
22
10L
XX
2
B, C, D, E Cases


Similar Part No. - 593D1061016C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D106X0010A VISHAY-593D106X0010A Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
593D106X0010A2T VISHAY-593D106X0010A2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
593D106X0010A2W VISHAY-593D106X0010A2W Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
593D106X0010A4T VISHAY-593D106X0010A4T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
593D106X0010A4W VISHAY-593D106X0010A4W Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
More results

Similar Description - 593D1061016C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
593D VISHAY-593D_17 Datasheet
565Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 02-Nov-17
TR3V107K010C0150 VISHAY-TR3V107K010C0150 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 26-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com