Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28F020TRI-90T Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT28F020TRI-90T
Description  2 Megabit CMOS Flash Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28F020TRI-90T Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT28F020TRI-90T Datasheet HTML 6Page - Catalyst Semiconductor CAT28F020TRI-90T Datasheet HTML 7Page - Catalyst Semiconductor CAT28F020TRI-90T Datasheet HTML 8Page - Catalyst Semiconductor CAT28F020TRI-90T Datasheet HTML 9Page - Catalyst Semiconductor CAT28F020TRI-90T Datasheet HTML 10Page - Catalyst Semiconductor CAT28F020TRI-90T Datasheet HTML 11Page - Catalyst Semiconductor CAT28F020TRI-90T Datasheet HTML 12Page - Catalyst Semiconductor CAT28F020TRI-90T Datasheet HTML 13Page - Catalyst Semiconductor CAT28F020TRI-90T Datasheet HTML 14Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CAT28F020
11
Doc. No. 25037-00 2/98 F-1
28F020 F07
ADDRESSES
CE (E)
OE (G)
WE (W)
DATA (I/O)
VCC
VPP
tWC
tWC
tRC
tAS
tAH
tCS
tCH
tCS
tCH
tCH
tEHQZ
tDF
tGHWL
tWPH
tWHWH1
tWHGL
tWP
tDS
HIGH-Z
DATA IN
= 40H
DATA IN
DATA IN
= C0H
VALID
DATA OUT
tDH
tWP
tDH
tDS
tDS
tWP
tDH
tOLZ
tOE
tOH
tLZ
tCE
tVPEL
VPPH
VPPL
0V
5.0V
VCC POWER-UP
& STANDBY
SETUP PROGRAM
COMMAND
LATCH ADDRESS
& DATA
PROGRAMMING
PROGRAM
VERIFY
COMMAND
PROGRAM
VERIFICATION
VCC POWER-DOWN/
STANDBY
Figure 6. A.C. Timing for Programming Operation
Program-Verify Mode
A Program-verify cycle is performed to ensure that all
bits have been correctly programmed following each
byte programming operation. The specific address is
already latched from the write cycle just completed, and
stays latched until the verify is completed. The Program-
verify operation is initiated by writing C0H into the
command register. An internal reference generates the
necessary high voltages so that the user does not need
to modify VCC. Refer to AC Characteristics (Program/
Erase) for specific timing parameters.
Erase-Verify Mode
The Erase-verify operation is performed on every byte
after each erase pulse to verify that the bits have been
erased.
Programming Mode
The programming operation is initiated using the pro-
gramming algorithm of Figure 7. During the first write
cycle, the command 40H is written into the command
register. During the second write cycle, the address of
the memory location to be programmed is latched on the
falling edge of WE, while the data is latched on the rising
edge of WE. The program operation terminates with the
next rising edge of WE. An integrated stop timer allows
for automatic timing control over this operation, eliminat-
ing the need for a maximum program timing specifica-
tion. Refer to AC Characteristics (Program/Erase) for
specific timing parameters.


Similar Part No. - CAT28F020TRI-90T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F020TRI-90T CATALYST-CAT28F020TRI-90T Datasheet
431Kb / 15P
   2 Megabit CMOS Flash Memory
More results

Similar Description - CAT28F020TRI-90T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F020 ONSEMI-CAT28F020 Datasheet
358Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
CAT28F020GI-12TE13 ONSEMI-CAT28F020GI-12TE13 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
CAT28F020P-15 ONSEMI-CAT28F020P-15 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
logo
Catalyst Semiconductor
CAT28F020 CATALYST-CAT28F020_04 Datasheet
431Kb / 15P
   2 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F020N-15 ONSEMI-CAT28F020N-15 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
logo
Catalyst Semiconductor
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F102 CATALYST-CAT28F102 Datasheet
159Kb / 14P
   1 Megabit CMOS Flash Memory
CAT28F010 CATALYST-CAT28F010 Datasheet
100Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com