Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28F002NI-12TT Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT28F002NI-12TT
Description  2 Megabit CMOS Boot Block Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28F002NI-12TT Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT28F002NI-12TT Datasheet HTML 1Page - Catalyst Semiconductor CAT28F002NI-12TT Datasheet HTML 2Page - Catalyst Semiconductor CAT28F002NI-12TT Datasheet HTML 3Page - Catalyst Semiconductor CAT28F002NI-12TT Datasheet HTML 4Page - Catalyst Semiconductor CAT28F002NI-12TT Datasheet HTML 5Page - Catalyst Semiconductor CAT28F002NI-12TT Datasheet HTML 6Page - Catalyst Semiconductor CAT28F002NI-12TT Datasheet HTML 7Page - Catalyst Semiconductor CAT28F002NI-12TT Datasheet HTML 8Page - Catalyst Semiconductor CAT28F002NI-12TT Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CAT28F002
4
Doc. No. 25072-00 2/98 F-1
D.C. OPERATING CHARACTERISTICS
VCC = +5V ±10%, unless otherwise specified
Limits
Symbol
Parameter
Min.
Max.
Unit
Test Conditions
ILI
Input Leakage Current
±1.0
µAVIN = VCC or VSS
VCC = 5.5V
ILO
Output Leakage Current
±10
µAVOUT = VCC or VSS,
VCC = 5.5V
ISB1
VCC Standby Current CMOS
100
µA
CE = VCC
±0.2V = RP
VCC = 5.5V
ISB2
VCC Standby Current TTL
1.5
mA
CE = RP = VIH, VCC = 5.5V
IPPD
VPP Deep Powerdown Current
5.0
µA
RP = GND
±0.2V
ICC1
VCC Active Read Current
55
mA
VCC = 5.5V, CE = GND,
IOUT = 0mA, f = 10 MHz
ICC2(1)
VCC Programming Current
50
mA
VCC = 5.5V,
Programming in Progress
ICC3(1)
VCC Erase Current
30
mA
VCC = 5.5V,
Erase in Progress
IPPS
VPP Standby Current
±10
µAVPP < VCC
200
µAVPP > VCC
IPP1
VPP Read Current
200
µAVPP = VPPH
IPP2(1)
VPP Programming Current
20
mA
VPP = VPPH,
Programming in Progress
IPP3(1)
VPP Erase Current
15
mA
VPP = VPPH,
Erase in Progress
VIL
Input Low Level
–0.5
0.8
V
VOL
Output Low Level
0.45
V
IOL = 5.8mA, VCC = 4.5V
VIH
Input High Level
2.0
VCC+0.5
V
VOH1
Output High Level TTL
2.4
V
IOH = -2.5mA, VCC = 4.5V
VID
A9 Signature Voltage
10.8
13.2
V
A9 = VID
IID
A9 Signature Current
500
µAA9 = VID
ICCD
VCC Deep Powerdown Current
1.0
µA
RP = GND
±0.2V
ICCES
VCC Erase Suspend Current
10
mA
Erase Suspended
CE = VIH
IPPES
VPP Erase Suspend Current
200
µA
Erase Suspended VPP=VPPH
IRP
RP Boot Block Unlock Current
500
µA
RP = VHH
VOH2
Output High Level TTL
0.85 VCC
VVCC = VCCMIN
IOH = -1.5mA
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.


Similar Part No. - CAT28F002NI-12TT

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001 ONSEMI-CAT28F001 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001G-12BT CATALYST-CAT28F001G-12BT Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
More results

Similar Description - CAT28F002NI-12TT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F020 ONSEMI-CAT28F020 Datasheet
358Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
logo
Catalyst Semiconductor
CAT28F020 CATALYST-CAT28F020 Datasheet
100Kb / 14P
   2 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F020GI-12TE13 ONSEMI-CAT28F020GI-12TE13 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
CAT28F020P-15 ONSEMI-CAT28F020P-15 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
logo
Catalyst Semiconductor
CAT28F020 CATALYST-CAT28F020_04 Datasheet
431Kb / 15P
   2 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F020N-15 ONSEMI-CAT28F020N-15 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com