Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9-140-W Datasheet(PDF) 79 Page - List of Unclassifed Manufacturers

Part # 9-140-W
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9-140-W Datasheet(HTML) 79 Page - List of Unclassifed Manufacturers

Back Button 9-140-W Datasheet HTML 75Page - List of Unclassifed Manufacturers 9-140-W Datasheet HTML 76Page - List of Unclassifed Manufacturers 9-140-W Datasheet HTML 77Page - List of Unclassifed Manufacturers 9-140-W Datasheet HTML 78Page - List of Unclassifed Manufacturers 9-140-W Datasheet HTML 79Page - List of Unclassifed Manufacturers 9-140-W Datasheet HTML 80Page - List of Unclassifed Manufacturers 9-140-W Datasheet HTML 81Page - List of Unclassifed Manufacturers 9-140-W Datasheet HTML 82Page - List of Unclassifed Manufacturers 9-140-W Datasheet HTML 83Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 282 page
background image
3-2
Call Toll Free: 1 (800) 323-9612
MIL-C-26500
C48 Series
Introduction
GENERAL DESCRIPTION
The C48 Series describes a family of connectors qualified to MIL-C-26500. While maintaining the MIL-C-26500
mating interface, this product has also been expanded to include qualifications to numerous Boeing specifications
to satisfy general purpose requirements and unique product challenges for shielding, environmental sealing,
fluid resistance, and vibration.
Design Features
A. Positive Location Captivated Insert
(Mechanical Interlock)
B. Insert Face Seal
C. Pin Contact, MIL-C-39029/31
D. Contact Pressuring Seal
E. Anti-Deflection Disc
F.
Resilient Pin Insert
G. Insert Rim Seal
H. Dynamic “O” Ring Shell Seal
I.
Five-Key Shell Polarization
J.
Metal-to-Metal Shoulder
K. Bayonet or Threaded Coupling,
Permanent Captivation
L. Contact Retention Clip
M. Socket Contact, MIL-C-39029/32
N. Wire Sealing Risers
O. Grommet
The expanded Cinch C48 product family offers numerous product options qualified to Boeing high-performance
requirements and product solutions developed for alternate termination styles/low-profile packaging.
Product Description
Cinch Series
Threaded non-decoupling design
CN0966
High-vibration bayonet plug with
C0909
metal-to-metal bottoming shells
CN1020
Connectors for shell grounding /
CN0966
shielding effectiveness, non-rotating
CN0967
accessory teeth, and advanced
CN1020
fluid-resistance elastometers
CN1021
Firewall Conformance
CN0966
CN0967
Low-profile connectors -
CN0915
crimp - removable contacts
Low-profile connectors -
CN0942
fixed contacts / alternate
CN0944
termination styles


Similar Part No. - 9-140-W

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-1411325-2 MACOM-9-1411325-2 Datasheet
5Mb / 64P
   GET.64 Interconnection System
9-1414964-1 MACOM-9-1414964-1 Datasheet
376Kb / 5P
   Single Nano Relay (THT ??THR)
logo
TE Connectivity Ltd
9-1415001-1 TEC-9-1415001-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
9-1415002-1 TEC-9-1415002-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
logo
Tyco Electronics
9-1415006-1 MACOM-9-1415006-1 Datasheet
426Kb / 2P
   Power PCB Relay RTH 105Celsius 16A
More results

Similar Description - 9-140-W

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com