Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7-140-W Datasheet(PDF) 72 Page - List of Unclassifed Manufacturers

Part # 7-140-W
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7-140-W Datasheet(HTML) 72 Page - List of Unclassifed Manufacturers

Back Button 7-140-W Datasheet HTML 68Page - List of Unclassifed Manufacturers 7-140-W Datasheet HTML 69Page - List of Unclassifed Manufacturers 7-140-W Datasheet HTML 70Page - List of Unclassifed Manufacturers 7-140-W Datasheet HTML 71Page - List of Unclassifed Manufacturers 7-140-W Datasheet HTML 72Page - List of Unclassifed Manufacturers 7-140-W Datasheet HTML 73Page - List of Unclassifed Manufacturers 7-140-W Datasheet HTML 74Page - List of Unclassifed Manufacturers 7-140-W Datasheet HTML 75Page - List of Unclassifed Manufacturers 7-140-W Datasheet HTML 76Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 282 page
background image
2-71
Edge Connector
High Reliability
.156" (3.96mm) Density
Card Extender
Dimensions
No. of
A
B
C
D
Pos./Cont.
in
mm
in
mm
in
mm
in
mm
6/12
1.100
27.94
1.239
31.47
1.531
38.88
1.785
45.33
10/20
1.724
43.79
1.864
47.34
2.156
54.76
2.410
61.21
12/24
2.036
51.71
2.177
55.29
2.469
62.71
2.723
69.16
15/30
2.504
63.60
2.645
67.18
2.937
74.59
3.191
81.05
18/36
2.972
75.48
3.114
79.09
3.406
86.51
3.660
92.96
22/44
3.596
91.33
3.739
94.97
4.031
102.38
4.285
108.83
25/50
4.067
103.30
4.208
106.88
4.500
114.30
4.754
120.75
Ordering Information
No. of
Pos./Cont.
Catalog No.
6/12
50-12S-30
10/20
50-20S-30
12/24
50-24S-30
15/30
50-30S-30
18/36
50-36S-30
22/44
50-44S-30
25/50
50-50S-30
Marketed exclusively through distribution.
Call Toll Free: 1 (800) 323-9612
Dimensions


Similar Part No. - 7-140-W

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
7-1414778-3 MACOM-7-1414778-3 Datasheet
327Kb / 4P
   Battery Disconnect Switch BDS-A High Current Solutions
7-1414967-8 MACOM-7-1414967-8 Datasheet
492Kb / 5P
   Micro Relay K (THT ??THR)
logo
TE Connectivity Ltd
7-1414985-1 TEC-7-1414985-1 Datasheet
577Kb / 3P
   Power Relay F4 A
7-1415001-1 TEC-7-1415001-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
7-1415002-1 TEC-7-1415002-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
More results

Similar Description - 7-140-W

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com