Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE68133 Datasheet(PDF) 1 Page - California Eastern Labs

Part # NE68133
Description  NONLINEAR MODEL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE68133 Datasheet(HTML) 1 Page - California Eastern Labs

  NE68133 Datasheet HTML 1Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NONLINEAR MODEL
NE68133
SCHEMATIC
California Eastern Laboratories
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
PRINTED IN USA ON RECYCLED PAPER -10/98
DATA SUBJECT TO CHANGE WITHOUT NOTICE
Parameters
Q1
Parameters
Q1
IS
2.7e-16
MJC
0.56
BF
185
XCJC
0
NF
1.02
CJS
0
VAF
15
VJS
0.75
IKF
0.055
MJS
0
ISE
1.77e-11
FC
0.5
NE
2.1
TF
14e-12
BR
1
XTF
3
NR
1
VTF
25
VAR
Infinity
ITF
0.1
IKR
Infinity
PTF
0
ISC
0
TR
0.3e-9
NC
2
EG
1.11
RE
0.6
XTB
0
RB
12
XTI
3
RBM
3.7
KF
0
IRB
1.2e-5
AF
1
RC
8
CJE
1.2e-12
VJE
0.77
MJE
0.5
CJC
0.8e-12
VJC
0.27
(1) Gummel-Poon Model
BJT NONLINEAR MODEL PARAMETERS (1)
UNITS
Parameter
Units
time
seconds
capacitance
farads
inductance
henries
resistance
ohms
voltage
volts
current
amps
Parameters
68133
CCB
0.07e-12
CCE
0.01e-12
LB
0.9e-9
LE
1.2e-9
CCBPKG
0.2e-12
CCEPKG
0.2e-12
CBEPKG
0.01e-12
LBX
0.3e-9
LCX
0.6e-9
LEX
0.3e-9
ADDITIONAL PARAMETERS
MODEL RANGE
Frequency:
0.1 to 8.0 GHz
Bias:
VCE = 1 V to 8 V, IC = 1 mA to 30 mA
Date:
7/97
Base
Emitter
Collector
LBX
LB
LEX
LE
LCX
CCBPKG
CCB
CCE
CCEPKG
CBEPKG
Q1


Similar Part No. - NE68133

ManufacturerPart #DatasheetDescription
logo
NEC
NE68133 NEC-NE68133 Datasheet
29Kb / 1P
   NONLINEAR MODEL
NE68133-T1B NEC-NE68133-T1B Datasheet
218Kb / 20P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE68133-T1B CEL-NE68133-T1B Datasheet
663Kb / 21P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
NE68133-T1B-A CEL-NE68133-T1B-A Datasheet
663Kb / 21P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE68133

ManufacturerPart #DatasheetDescription
logo
NEC
NESG2030M04 NEC-NESG2030M04 Datasheet
13Kb / 1P
   NONLINEAR MODEL
NE68135 NEC-NE68135 Datasheet
26Kb / 1P
   NONLINEAR MODEL
logo
California Eastern Labs
NE85619 CEL-NE85619 Datasheet
30Kb / 1P
   NONLINEAR MODEL
NE68119 CEL-NE68119 Datasheet
46Kb / 1P
   NONLINEAR MODEL
NE68130 CEL-NE68130 Datasheet
30Kb / 1P
   NONLINEAR MODEL
NE68030 CEL-NE68030 Datasheet
30Kb / 1P
   NONLINEAR MODEL
NE85633 CEL-NE85633 Datasheet
30Kb / 1P
   NONLINEAR MODEL
NE68019 CEL-NE68019 Datasheet
70Kb / 1P
   NONLINEAR MODEL
UPA801T_V1 CEL-UPA801T_V1 Datasheet
19Kb / 2P
   NONLINEAR MODEL
logo
NEC
NE68035 NEC-NE68035 Datasheet
26Kb / 1P
   NONLINEAR MODEL
logo
California Eastern Labs
NE85639 CEL-NE85639 Datasheet
37Kb / 1P
   NONLINEAR MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com