Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

555-2301 Datasheet(PDF) 2 Page - Dialight Corporation

Part # 555-2301
Description  2mm LED CBI Circuit Board Indicator Single
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

555-2301 Datasheet(HTML) 2 Page - Dialight Corporation

  555-2301 Datasheet HTML 1Page - Dialight Corporation 555-2301 Datasheet HTML 2Page - Dialight Corporation 555-2301 Datasheet HTML 3Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3-4
2mm
LED CBI
® Circuit Board Indicator
Single
555-2xxx
2.54
[.100 max]
+
6.35
[.250]
3.68
[.145]
5.08
[.200]
CATHODE
3.18
[.125]
2.03
[.080]
2.54
[.100]
.254
[.010]
1.02
[.040]
.686 MAX
[.027]
0.965
±.05
[.038
±.002]
2.54
[.100]
1.14
[.045]
RECOMMENDED
P.C. HOLE PATTERN
PART NO.
COLOR
GENERAL PURPOSE
555-2001
Red
555-2301
Green
555-2401
Yellow
INTEGRAL RESISTOR, VARIOUS VOLTAGES
555-2003
Red, 5V
555-2007
Red, 5V
555-2008
Red, 24V
555-2009
Red, 5V
555-2303
Green, 5V
555-2403
Yellow, 5V
Features
• Multiple CBIs form horizontal LED arrays on 2.54mm
(0.100”) center-lines
• High Contrast, UL 94 V-0 rated, black housing
• Oxygen index: 31.5%
• Polymer content: PBT, 0.079 g
• Housing stand-offs facilitate PCB cleaning
• Solderability per MIL-STD-202F, method 208F
• LEDs are safe for direct viewing per IEC 825-1, EN-60825-1
• Compatible with: 555-4xxx Quad Block
Tolerance note: As noted, otherwise:
• LED Protrusion: ±0.04 mm [±0.016]
• CBI Housing: ±0.02mm[±0.008]
Dimensions in mm [inches]


Similar Part No. - 555-2301

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
555-2301 DIALIGHT-555-2301 Datasheet
31Kb / 5P
   2mm LED CBI Circuit Board Indicator Single
More results

Similar Description - 555-2301

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
555-2XXX DIALIGHT-555-2XXX Datasheet
31Kb / 5P
   2mm LED CBI Circuit Board Indicator Single
555-4XXX DIALIGHT-555-4XXX Datasheet
25Kb / 3P
   2mm LED CBI Circuit Board Indicator Quad
555-3XXX DIALIGHT-555-3XXX Datasheet
31Kb / 5P
   2mm LED CBI Circuit Board Indicator Single, Top View
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
566-XX07 DIALIGHT-566-XX07 Datasheet
41Kb / 3P
   2mm x 5mm Rectangular LED CBI Circuit Board Indicator
555-5XXX DIALIGHT-555-5XXX Datasheet
25Kb / 3P
   2mm LED CBI Circuit Board Indicator Quad, Top View
595-2X01-0XX DIALIGHT-595-2X01-0XX Datasheet
27Kb / 2P
   2mm Prism CBI Circuit Board Indicator Surface Mount LED
566-XX06 DIALIGHT-566-XX06 Datasheet
30Kb / 2P
   2mm x 5mm Rectangular LED CBI Circuit Board Indicator
350-1817-ND DIALIGHT-350-1817-ND Datasheet
78Kb / 9P
   LED CBI Circuit Board Indicator
571-0112-100 DIALIGHT-571-0112-100 Datasheet
32Kb / 2P
   2mm LED CBI Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com