Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7200B-1A-A Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS7200B-1A-A
Description  4-PIN SOP, 1.0LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7200B-1A-A Datasheet(HTML) 4 Page - California Eastern Labs

  PS7200B-1A-A Datasheet HTML 1Page - California Eastern Labs PS7200B-1A-A Datasheet HTML 2Page - California Eastern Labs PS7200B-1A-A Datasheet HTML 3Page - California Eastern Labs PS7200B-1A-A Datasheet HTML 4Page - California Eastern Labs PS7200B-1A-A Datasheet HTML 5Page - California Eastern Labs PS7200B-1A-A Datasheet HTML 6Page - California Eastern Labs PS7200B-1A-A Datasheet HTML 7Page - California Eastern Labs PS7200B-1A-A Datasheet HTML 8Page - California Eastern Labs PS7200B-1A-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Data Sheet PN10292EJ02V0DS
4
PS7200B-1A
RECOMMENDED OPERATING CONDITIONS (TA = 25
°C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
LED Operating Current
IF
2
10
20
mA
LED Off Voltage
VF
0
0.5
V
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA
1.2
1.4
V
Reverse Current
IR
VR = 5 V
5.0
µA
MOS FET
Off-state Leakage Current
ILoff
VD = 40 V
0.1
100
nA
Output Capacitance
Cout
VD = 0 V, f = 1 MHz
32
pF
Coupled
LED On-state Current
IFon
IL = 250 mA
2.0
mA
On-state Resistance
Ron1
IF = 10 mA, IL = 10 mA
1.0
1.5
Ron2
IF = 10 mA, IL = 250 mA, t
≤ 10 ms
Turn-on Time
*1, 2
ton
IF = 10 mA, VO = 5 V, RL = 500
Ω,
0.05
1.0
ms
Turn-off Time
*1, 2
toff
PW
≥ 10 ms
0.02
0.2
Isolation Resistance
RI-O
VI-O = 1.0 kVDC
10
9
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
0.5
pF
*1 Test Circuit for Switching Time
VL
RL
IF
Rin
Pulse Input
Input monitor
monitor
VO
ton
toff
10 %
90 %
0
VO = 5 V
50 %
Output
Input
*2 The turn-on time and turn-off time are specified as input-pulse width
≥ 10 ms.
Be aware that when the device operates with an input-pulse width less than 10 ms, the turn-on time and turn-off
time will increase.
<R>


Similar Part No. - PS7200B-1A-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7200B-1A-E3 NEC-PS7200B-1A-E3 Datasheet
79Kb / 12P
   4-PIN SOP 1.0 W LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS7200B-1A-E3 NEC-PS7200B-1A-E3 Datasheet
81Kb / 12P
   4-PIN SOP, 0.6 W LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
PS7200B-1A-E4 NEC-PS7200B-1A-E4 Datasheet
79Kb / 12P
   4-PIN SOP 1.0 W LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS7200B-1A-E4 NEC-PS7200B-1A-E4 Datasheet
81Kb / 12P
   4-PIN SOP, 0.6 W LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
PS7200B-1A-F3 NEC-PS7200B-1A-F3 Datasheet
79Kb / 12P
   4-PIN SOP 1.0 W LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7200B-1A-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7214-1A CEL-PS7214-1A Datasheet
202Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
NEC
PS7214-1A NEC-PS7214-1A Datasheet
107Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200B-1A RENESAS-PS7200B-1A Datasheet
257Kb / 15P
   4-PIN SOP, 1.0 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7214-1A RENESAS-PS7214-1A Datasheet
257Kb / 15P
   4-PIN SOP, 1.0 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7200B-1A NEC-PS7200B-1A Datasheet
79Kb / 12P
   4-PIN SOP 1.0 W LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS72141 NEC-PS72141 Datasheet
95Kb / 7P
   4 PIN SOP, 1.0 ??LOW ON-STATE RESISTANCE 1-CH OPTICAL COUPLED MOSFET
logo
California Eastern Labs
PS7200E-1A CEL-PS7200E-1A Datasheet
353Kb / 12P
   4-PIN SOP, 0.8 ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200K-1A RENESAS-PS7200K-1A Datasheet
261Kb / 15P
   4-PIN SOP, 1.1 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
List of Unclassifed Man...
PS7200K-1A ETC1-PS7200K-1A Datasheet
351Kb / 11P
   4-PIN SOP, 1.1 Ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7200H-1A CEL-PS7200H-1A Datasheet
340Kb / 11P
   4-PIN SOP, 2.2 ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com