Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7200B-1A-F4 Datasheet(PDF) 7 Page - California Eastern Labs

Part # PS7200B-1A-F4
Description  4-PIN SOP, 1.0LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7200B-1A-F4 Datasheet(HTML) 7 Page - California Eastern Labs

Back Button PS7200B-1A-F4 Datasheet HTML 3Page - California Eastern Labs PS7200B-1A-F4 Datasheet HTML 4Page - California Eastern Labs PS7200B-1A-F4 Datasheet HTML 5Page - California Eastern Labs PS7200B-1A-F4 Datasheet HTML 6Page - California Eastern Labs PS7200B-1A-F4 Datasheet HTML 7Page - California Eastern Labs PS7200B-1A-F4 Datasheet HTML 8Page - California Eastern Labs PS7200B-1A-F4 Datasheet HTML 9Page - California Eastern Labs PS7200B-1A-F4 Datasheet HTML 10Page - California Eastern Labs PS7200B-1A-F4 Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Data Sheet PN10292EJ02V0DS
7
PS7200B-1A
Normalized to 1.0
at TA = 25 ˚C,
IF = 10 mA,
VO = 5 V
–25
0
25
50
75
100
3.0
2.5
2.0
1.0
0.0
0.5
1.5
Ambient Temperature TA (˚C)
NORMALIZED TURN-ON TIME vs.
AMBIENT TEMPERATURE
Normalized to 1.0
at TA = 25 ˚C,
IF = 10 mA,
VO = 5 V
–25
0
25
50
75
100
3.0
2.5
2.0
1.0
0.0
0.5
1.5
Ambient Temperature TA (˚C)
NORMALIZED TURN-OFF TIME vs.
AMBIENT TEMPERATURE
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS7200B-1A-F4

ManufacturerPart #DatasheetDescription
logo
NEC
PS7200B-1A-F4 NEC-PS7200B-1A-F4 Datasheet
79Kb / 12P
   4-PIN SOP 1.0 W LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS7200B-1A-F4 NEC-PS7200B-1A-F4 Datasheet
81Kb / 12P
   4-PIN SOP, 0.6 W LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7200B-1A-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7214-1A CEL-PS7214-1A Datasheet
202Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
NEC
PS7214-1A NEC-PS7214-1A Datasheet
107Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200B-1A RENESAS-PS7200B-1A Datasheet
257Kb / 15P
   4-PIN SOP, 1.0 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7214-1A RENESAS-PS7214-1A Datasheet
257Kb / 15P
   4-PIN SOP, 1.0 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7200B-1A NEC-PS7200B-1A Datasheet
79Kb / 12P
   4-PIN SOP 1.0 W LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS72141 NEC-PS72141 Datasheet
95Kb / 7P
   4 PIN SOP, 1.0 ??LOW ON-STATE RESISTANCE 1-CH OPTICAL COUPLED MOSFET
logo
California Eastern Labs
PS7200E-1A CEL-PS7200E-1A Datasheet
353Kb / 12P
   4-PIN SOP, 0.8 ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200K-1A RENESAS-PS7200K-1A Datasheet
261Kb / 15P
   4-PIN SOP, 1.1 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
List of Unclassifed Man...
PS7200K-1A ETC1-PS7200K-1A Datasheet
351Kb / 11P
   4-PIN SOP, 1.1 Ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7200H-1A CEL-PS7200H-1A Datasheet
340Kb / 11P
   4-PIN SOP, 2.2 ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com