Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7200A-1A-F3 Datasheet(PDF) 9 Page - California Eastern Labs

Part # PS7200A-1A-F3
Description  4-PIN SOP, 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7200A-1A-F3 Datasheet(HTML) 9 Page - California Eastern Labs

Back Button PS7200A-1A-F3 Datasheet HTML 5Page - California Eastern Labs PS7200A-1A-F3 Datasheet HTML 6Page - California Eastern Labs PS7200A-1A-F3 Datasheet HTML 7Page - California Eastern Labs PS7200A-1A-F3 Datasheet HTML 8Page - California Eastern Labs PS7200A-1A-F3 Datasheet HTML 9Page - California Eastern Labs PS7200A-1A-F3 Datasheet HTML 10Page - California Eastern Labs PS7200A-1A-F3 Datasheet HTML 11Page - California Eastern Labs PS7200A-1A-F3 Datasheet HTML 12Page - California Eastern Labs PS7200A-1A-F3 Datasheet HTML 13Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Data Sheet PN10291EJ02V0DS
9
PS7200A-1A
PS7200A-1A-F3
PS7200A-1A-F4
Tape Direction
Outline and Dimensions (Tape)
1.55±0.1
2.0±0.05
4.0±0.1
4.6±0.1
2.9 MAX.
0.3
8.0±0.1
2.4±0.1
1.5
+0.1
–0
Outline and Dimensions (Reel)
Packing: 3 500 pcs/reel
2.0±0.5
R 1.0
13.0±0.2
φ
21.0±0.8
φ
2.0±0.5
11.9 to 15.4
Outer edge of
flange
17.5±1.0
13.5±1.0


Similar Part No. - PS7200A-1A-F3

ManufacturerPart #DatasheetDescription
logo
NEC
PS7200A-1A-F3 NEC-PS7200A-1A-F3 Datasheet
78Kb / 12P
   4-PIN SOP 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
PS7200A-1A-F3 NEC-PS7200A-1A-F3 Datasheet
67Kb / 7P
   4 PIN SOP 3.0 pF LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
More results

Similar Description - PS7200A-1A-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7200A-1A RENESAS-PS7200A-1A Datasheet
317Kb / 15P
   4-PIN SOP, 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7200A-1A NEC-PS7200A-1A Datasheet
78Kb / 12P
   4-PIN SOP 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200J-1A RENESAS-PS7200J-1A Datasheet
224Kb / 14P
   4-PIN SOP 1.7 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7200R-1A RENESAS-PS7200R-1A Datasheet
261Kb / 15P
   4-PIN SOP, 1.1 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7200A-1A NEC-PS7200A-1A_01 Datasheet
67Kb / 7P
   4 PIN SOP 3.0 pF LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
PS7200R NEC-PS7200R Datasheet
147Kb / 7P
   NECs 4 PIN SOP, 1.1 pF LOW OUTPUT CAPACITANCE 1-ch OPTICAL COUPLED MOSFET
logo
California Eastern Labs
PS7901D-1A CEL-PS7901D-1A Datasheet
503Kb / 8P
   4-PIN SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.75 pF) 1-ch Optical Coupled MOS FET
logo
NEC
PS7801D-1A NEC-PS7801D-1A_1 Datasheet
114Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF) 1-ch Optical Coupled MOS FET
PS7801F-1A NEC-PS7801F-1A Datasheet
94Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.9 pF) 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7802-1A CEL-PS7802-1A Datasheet
342Kb / 14P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com