Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT35C804APATE13 Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT35C804APATE13
Description  4K-Bit Secure Access Serial E2PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT35C804APATE13 Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT35C804APATE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT35C804APATE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT35C804APATE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT35C804APATE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT35C804APATE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT35C804APATE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT35C804APATE13 Datasheet HTML 12Page - Catalyst Semiconductor CAT35C804APATE13 Datasheet HTML 13Page - Catalyst Semiconductor CAT35C804APATE13 Datasheet HTML 14Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Preliminary
CAT35C804A
11
Doc. No. 25043-00 2/98
then the WRAL instruction. The CAT35C804A will ac-
cept the following commands:
ERAL
ERAL
An ERAL will be executed
ERAL
WRAL
A WRAL will be executed
Both the ERAL and WRAL commands will program/
erase the entire array and will not be blocked by the
memory pointer.
THE PARITY BIT
The UART compatible protocol supports an even parity
bit if the PE pin of the device is set HIGH, otherwise,
there is no parity. If PE is set LOW and the incoming
instruction contains a parity bit, it may be interpreted as
the stop bit. When PE is HIGH, the CAT35C804A
expects a parity bit at the end of every byte. For example,
the RSEQ instruction will look like this:
0 1100 1011 11
0 A15…A8 P1
0 A7…A0 P1
The device then outputs data continuously until it reaches
the end of the memory. Each byte of data contains 9 bits
with the ninth bit being the parity bit. The RSEQ instruc-
tion may be terminated at any time by bringing CS low;
the output will then go to high impedance.
SYSTEM ERRORS
Whenever an error occurs, be it an instruction error
(unknown instruction), or parity error (perhaps caused
by transmission error), the device will stop its operation.
To return to normal operation, the device must be reset
by pulsing CS LOW and then set back to HIGH. Reset-
ting the device will not affect the ENAC, EWEN and
ENBSY status. The error may be determined by entering
the READ STATUS REGISTER (RSR) instruction
immediatly following the reset. The status output is an
8-bit word with the first three bits being 101. This three
bit pattern indicates that the device is functioning nor-
mally. The fourth bit is “1” if a parity error occurred. The
fifth bit is a “1” if an instruction error occurred. The sixth
bit is a “1” if the device is in a program/erase cycle. The
last two bits are reserved for future use.
The reason for the “101” pattern is to distinguish be-
tween an error conditon (DO tri-stated) and a device
busy status. If an error condition exists, it will not respond
to any input instruction from DI. However, if the device is
in a program/erase cycle, it responds to the RSR instruc-
tion by outputting “101 00100”. If RSR is executed at the
end of a program/erase cycle, the output will be “101000
00”.
5074 FHD F09
Figure 13. Asynchronous Communication Protocol
PARITY
ERROR
INSTRUCTION
ERROR
RDY/BUSY
STATUS
FUTURE USE
1 0 1 X X X X X
START
BIT
(1)
STOP
BIT
CHARACTER n
CHARACTER n+1
BITS 0–7
35C804 F14
Note:
(1)
Parity bit if enabled; skipped if parity disabled.


Similar Part No. - CAT35C804APATE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT35C102 CATALYST-CAT35C102 Datasheet
424Kb / 7P
   2K-Bit SERIAL E2PROM
CAT35C102I CATALYST-CAT35C102I Datasheet
424Kb / 7P
   2K-Bit SERIAL E2PROM
CAT35C102P CATALYST-CAT35C102P Datasheet
424Kb / 7P
   2K-Bit SERIAL E2PROM
CAT35C104 CATALYST-CAT35C104 Datasheet
423Kb / 7P
   4K-Bit SERIAL E2PROM
CAT35C104I CATALYST-CAT35C104I Datasheet
423Kb / 7P
   4K-Bit SERIAL E2PROM
More results

Similar Description - CAT35C804APATE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT33C804A CATALYST-CAT33C804A Datasheet
89Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C904 CATALYST-CAT35C904 Datasheet
676Kb / 8P
   RF SECURE ACCESS Serial E2PROM
CAT35C104 CATALYST-CAT35C104 Datasheet
423Kb / 7P
   4K-Bit SERIAL E2PROM
CAT35C204 CATALYST-CAT35C204 Datasheet
359Kb / 7P
   4K-Bit SERIAL E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com