Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L11 Datasheet(PDF) 3 Page - Switchcraft, Inc.

Part # L11
Description  COMMERCIAL PHONE JACKS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

L11 Datasheet(HTML) 3 Page - Switchcraft, Inc.

  L11 Datasheet HTML 1Page - Switchcraft, Inc. L11 Datasheet HTML 2Page - Switchcraft, Inc. L11 Datasheet HTML 3Page - Switchcraft, Inc. L11 Datasheet HTML 4Page - Switchcraft, Inc. L11 Datasheet HTML 5Page - Switchcraft, Inc. L11 Datasheet HTML 6Page - Switchcraft, Inc. L11 Datasheet HTML 7Page - Switchcraft, Inc. L11 Datasheet HTML 8Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Insulated Mount: See drawing. S1028 flatwasher and
Part Number S1029 shoulder washer must be
ordered separately for mounting in .437 inch diameter hole.
NOTE: See Hi-D Jax® for jack specifically designed
for insulated mounting without additional washers.
PC Board Mounting: See Recommended PC Board Layout
drawing below for jacks with PC terminals. Recommended
PC board thickness is .062 inches.
Mounting Centers: 1.188 inch (30mm) recommended.
Centers may vary with jack selected, for example, Number
11 mounts on .813 inch (20.6mm) and 14B mounts on
1.125 inch (28.6mm) minimum centers.
PREFIX OPTIONS
SERIES
CIRCUITRY
Blank- 1/4" Commercial
Jack 1-Littel Jax®
1- I
C- Accepts Mill Plug
2A- III
FA- .205" Faston Terminals
2B- IV
FAL- .205" Faston Terminals
and .375" Long Bushing
3- V
L- .375" Long Bushing
3A- VI
PC- PC Terminals
3B- VII
S- Accepts .206 Diameter Plugs
3E- IX
4B- XII
TWO CONDUCTOR PART NUMBERS
Part Number
Description
Jack Schematic1
Typical Mating
Plug


Similar Part No. - L11

ManufacturerPart #DatasheetDescription
logo
Linear Technology
L11-0067 LINER-L11-0067 Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
logo
Carling Technologies
L11-B0-24-620-421-DG CARLINGTECH-L11-B0-24-620-421-DG Datasheet
4Mb / 8P
   Circuit Breaker
logo
Hamamatsu Corporation
L11033 HAMAMATSU-L11033 Datasheet
121Kb / 2P
   LONG LIFE XENON LAMP SERIES
L11034 HAMAMATSU-L11034 Datasheet
121Kb / 2P
   LONG LIFE XENON LAMP SERIES
logo
3M Electronics
L1115 3M-L1115 Datasheet
344Kb / 5P
   Cushion-Mount??Plus Plate Mounting Tapes with Easy Mount Adhesive
More results

Similar Description - L11

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
N113X SWITCH-N113X Datasheet
94Kb / 5P
   1/4 ENCLOSED PHONE JACKS
TR2A SWITCH-TR2A Datasheet
310Kb / 1P
   SUBMINIATURE PHONE JACKS, TR2A AND TR1PC
SN37A SWITCH-SN37A Datasheet
57Kb / 1P
   1/4 RIGHT-ANGLE PHONE JACKS
280 SWITCH-280 Datasheet
32Kb / 1P
   1/4 COMMERCIAL PHONE PLUGS
logo
Adam Technologies, Inc.
MTJ-88321 ADAM-TECH-MTJ-88321 Datasheet
4Mb / 27P
   MODULAR JACKS
logo
List of Unclassifed Man...
6046 ETC2-6046 Datasheet
401Kb / 1P
   TEST JACKS
logo
Adam Technologies, Inc.
MTJP-616L ADAM-TECH-MTJP-616L Datasheet
268Kb / 3P
   MODULAR TELEPHONE JACKS WIRE LEADED JACKS
logo
Yamaichi Electronics Co...
TS4A YAMAICHI-TS4A Datasheet
181Kb / 6P
   Modular Jacks
logo
Adam Technologies, Inc.
MTJG-12-88JX1-FSG-PG ADAM-TECH-MTJG-12-88JX1-FSG-PG Datasheet
157Kb / 1P
   MODULAR TELEPHONE JACKS GANGED & STACKED JACKS
logo
List of Unclassifed Man...
NP2X ETC2-NP2X Datasheet
4Mb / 23P
   Plugs & Jacks
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com