Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5NR102KADLH Datasheet(PDF) 2 Page - AVX Corporation

Part # 5NR102KADLH
Description  Disc Ceramic Capacitors Professional Ceramic Capacitors - Class I, II and III
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

5NR102KADLH Datasheet(HTML) 2 Page - AVX Corporation

  5NR102KADLH Datasheet HTML 1Page - AVX Corporation 5NR102KADLH Datasheet HTML 2Page - AVX Corporation 5NR102KADLH Datasheet HTML 3Page - AVX Corporation 5NR102KADLH Datasheet HTML 4Page - AVX Corporation 5NR102KADLH Datasheet HTML 5Page - AVX Corporation 5NR102KADLH Datasheet HTML 6Page - AVX Corporation 5NR102KADLH Datasheet HTML 7Page - AVX Corporation 5NR102KADLH Datasheet HTML 8Page - AVX Corporation 5NR102KADLH Datasheet HTML 9Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
26
Disc Ceramic Capacitors
General Specifications - Class III Professional
Measured at
1.0 kHz / 0.1 Vrms / 25ºC
Dissipation
C
R ≤ 22 nF → Y5V, Y5U ≤ 7.5%
Factor
C
R > 22 nF → Y5V, Y5P ≤ 5.0%
Capacitance
Y5P
→ ±20% / -20 +50%
Tolerance
Y5U
→ ±20% / -20 +80%
Y5V
→ ±20% / -20 +80%
Climatic
55 / 085 / 56
Category
Insulation
Y5P
≥12 M
Resistance
Y5U
4.7 nF...100 nF
→ ≥ 10 M
@ V
R
200 nF
→ ≥ 1 M
Y5V
≥ 100 M
Dielectric Strength
Between
Vt = 1.25 V
R
NOTE: Charging
leads
current limited
Body
V
R = 25V
Vt = 100V (DC)
to 50 mA
insulation
V
R = 50V
Vt = 150V (DC)
Operating
Temperature
-55... +125 Epoxy Coated
Range (ºC)
PERFORMANCE CHARACTERISTICS CLASS III
Note: Damp Heat Steady State: 90... 95% R.H. 40ºC / 21 days. No voltage to be applied.
DIELECTRIC - CLASS III
A thin dielectric layer is grown on a disc of conductive
ceramic. Very large capacitances can be obtained due to
reduced thickness of this barrier layer and its inherently
high dielectric constant. Due its small dimensions, they are a
less expensive replacement of multilayer ceramic or poly-
ester capacitors.
DIMENSIONS
millimeters (inches)
Digit 9
Available
of P.N.
D ± 2
T max.
Lead Spacing
(ø)
(0.079)
A
4.0 (0.157)
3.0 (0.118)
A,B,D,E,O,R
B
5.0 (0.197)
3.0 (0.118)
A,B,D,E,O,R,X
C
6.0 (0.236)
3.0 (0.118)
A,B,C,D,E,O,R,X
D
7.0 (0.276)
3.0 (0.118)
A,B,C,D,E,O,R,X
E
8.0 (0.315)
3.0 (0.118)
A,B,C,D,E,O,R,X
F
9.0 (0.354)
3.0 (0.118)
A,B,C,E,O,R,X
G
10.0 (0.394)
3.0 (0.118)
A,B,C,E,O,R,X
H
11.0 (0.433)
3.0 (0.118)
A,B,C,E,O,R,W
J
13.0 (0.512)
3.5 (0.138)
B,C,R,W
K
15.0 (0.591)
4.0 (0.157)
B,C,R,W
Lead Spacing
Digit 8 of P.N.
F
2.5 (0.100)
D
5 (0.200)
A
O
6 (0.250)
E
X
7.5 (0.300)
B
R
10 (0.400)
C
W
Preferred lead spacing
F = 5 (0.197)
Ø = 0.6 ± 0.1
(0.024) (0.004)
millimeters (inches)
(E), (X), (W): upon request


Similar Description - 5NR102KADLH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XC-600140 ETC2-XC-600140 Datasheet
193Kb / 1P
   Class II Ceramic Disc Capacitors
logo
Illinois Capacitor, Inc...
101GHR102K ILLINOISCAPACITOR-101GHR102K Datasheet
352Kb / 1P
   85C Class II Ceramic Disc Capacitors
logo
Vishay Siliconix
HSZ100 VISHAY-HSZ100 Datasheet
163Kb / 3P
   Ceramic Disc Capacitors, Class 2
Revision: 31-Jan-06
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
RLA910 VISHAY-RLA910 Datasheet
230Kb / 6P
   Ceramic Disc Capacitors, Class 1
Revision: 31-Jan-06
logo
AVX Corporation
5SS103MBKCC AVX-5SS103MBKCC Datasheet
70Kb / 4P
   Disc Ceramic Capacitors General Specifications - Class II General Purpose
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
   Ceramic Disc Capacitors
logo
MERITEK ELECTRONICS COR...
CCNPO101J50V5B1 MERITEK-CCNPO101J50V5B1 Datasheet
337Kb / 6P
   Ceramic Disc Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com