Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD40044AUB Datasheet(PDF) 3 Page - LightKey Optoelectronics Ltd.

Part # LD40044AUB
Description  4.00 inch 4x4 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD40044AUB Datasheet(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LD40044AUB Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD40044AUB Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD40044AUB Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121844
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 4.00 inch 4x4 Dot Matrix LED Display
Electrical Characteristics & Absolute Maximum Ratings
Parameter
Electrical optical
Characteristics
[1]
Absolute Maximum Ratings
[1]
VF@
IF=20mA
[2]
Emitted
Color
Per Dot
Typ.
Max.
Reverse
Current
VR=5V
Power
Dissipation
DC
Forward
Current
Peak
Forward
Current
[3]
Super Red
Per Dot
7.2
8.8
50
240
25
100
Hi-Red
Per Dot
7.2
8.8
50
240
25
100
Orange
Per Dot
8.4
10
50
320
30
100
Yellow
Per Dot
8.4
10
50
320
30
100
Green
Per Dot
8.8
10
50
320
30
100
Ultra Red
Per Dot
7.6
10.4
50
240
30
100
Ultra Orange
Per Dot
8
10.4
50
260
30
100
Ultra Amber
Per Dot
8
10.4
50
260
30
100
Ultra Yellow
Per Dot
8
10.4
50
260
30
100
Ultra Green
Per Dot
8.4
10.4
50
300
30
100
Pure Green
Per Dot
14
16
50
440
30
100
Ultra Blue
Per Dot
14
16
50
480
30
100
Ultra White
Per Dot
14
16
50
480
30
100
Unit:
\
V
V
uA
mW
mA
mA
Notes:
1. At Ta = 25 °C.
2. Forward voltage at forward current = 20mA.
3. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.


Similar Part No. - LD40044AUB

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
LD400-2AC MRV-LD400-2AC Datasheet
352Kb / 2P
   LambdaDriver Chassis - DWDM/CWDM Platform
LD400-2DC MRV-LD400-2DC Datasheet
352Kb / 2P
   LambdaDriver Chassis - DWDM/CWDM Platform
LD400-AC MRV-LD400-AC Datasheet
352Kb / 2P
   LambdaDriver Chassis - DWDM/CWDM Platform
LD400-DC MRV-LD400-DC Datasheet
352Kb / 2P
   LambdaDriver Chassis - DWDM/CWDM Platform
logo
List of Unclassifed Man...
LD4000 ETC1-LD4000 Datasheet
549Kb / 4P
   PR4/EPR4 Read/Write Controller
More results

Similar Description - LD40044AUB

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM40044ABRG LIGHTKEY-LM40044ABRG Datasheet
108Kb / 3P
   4.00 inch 4x4 Dual Color Dot Matrix LED Display
LM40057CD LIGHTKEY-LM40057CD Datasheet
197Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LM40057AB LIGHTKEY-LM40057AB Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
logo
Unity Opto Technology
UVP-2X44 UOT-UVP-2X44 Datasheet
62Kb / 5P
   2.0 inch ( 50.80mm ) 4X4 DOT MATRIX LED DISPLAY
logo
Marktech Corporate
MTAN2121-AG MARKTECH-MTAN2121-AG Datasheet
69Kb / 1P
   2.0 4x4 Dot Matrix Display
MTAN6621-CHRG MARKTECH-MTAN6621-CHRG Datasheet
75Kb / 1P
   2.0 4x4 Bi-Color Dot Matrix Display
logo
LightKey Optoelectronic...
LM20057AB LIGHTKEY-LM20057AB Datasheet
192Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
LM46058AB LIGHTKEY-LM46058AB Datasheet
141Kb / 3P
   4.60 inch 5x8 Dot Matrix LED Display
LM20088AB LIGHTKEY-LM20088AB Datasheet
154Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM19088CD LIGHTKEY-LM19088CD Datasheet
228Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com