Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28C256HN-12T Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT28C256HN-12T
Description  32K-Bit Parallel E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C256HN-12T Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT28C256HN-12T Datasheet HTML 2Page - Catalyst Semiconductor CAT28C256HN-12T Datasheet HTML 3Page - Catalyst Semiconductor CAT28C256HN-12T Datasheet HTML 4Page - Catalyst Semiconductor CAT28C256HN-12T Datasheet HTML 5Page - Catalyst Semiconductor CAT28C256HN-12T Datasheet HTML 6Page - Catalyst Semiconductor CAT28C256HN-12T Datasheet HTML 7Page - Catalyst Semiconductor CAT28C256HN-12T Datasheet HTML 8Page - Catalyst Semiconductor CAT28C256HN-12T Datasheet HTML 9Page - Catalyst Semiconductor CAT28C256HN-12T Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CAT28C256
8
Doc. No. 25020-0A 2/98
WE
CE
OE
I/O6
tOEH
tOE
tOES
tWC
(1)
(1)
ADDRESS
CE
WE
OE
I/O7
DIN = X
DOUT = X
DOUT = X
tOE
tOEH
tWC
tOES
DATA Polling
DATA polling is provided to indicate the completion of
write cycle. Once a byte write or page write cycle is
initiated, attempting to read the last byte written will
output the complement of that data on I/O7 (I/O0–I/O6
are indeterminate) until the programming cycle is com-
plete. Upon completion of the self-timed write cycle, all
I/O’s will output true data during a read cycle.
Toggle Bit
In addition to the DATA Polling feature of the CAT28C256,
the device offers an additional method for determining
the completion of a write cycle. While a write cycle is in
progress, reading data from the device will result in I/O6
toggling between one and zero. However, once the write
is complete, I/O6 stops toggling and valid data can be
read from the device.
Figure 7. DATA Polling
28C256 F10
Figure 8. Toggle Bit
28C256 F11
Note:
(1)
Beginning and ending state of I/O6 is indeterminate.


Similar Part No. - CAT28C256HN-12T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C256H13-12T CATALYST-CAT28C256H13-12T Datasheet
530Kb / 12P
   256K-Bit Parallel EEPROM
logo
ON Semiconductor
CAT28C256H13-12T ONSEMI-CAT28C256H13-12T Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
logo
Catalyst Semiconductor
CAT28C256H13-15T CATALYST-CAT28C256H13-15T Datasheet
530Kb / 12P
   256K-Bit Parallel EEPROM
logo
ON Semiconductor
CAT28C256H13-15T ONSEMI-CAT28C256H13-15T Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C256H13112 ONSEMI-CAT28C256H13112 Datasheet
132Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
More results

Similar Description - CAT28C256HN-12T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
CAT28C64BJ-12 CATALYST-CAT28C64BJ-12 Datasheet
57Kb / 12P
   64K-Bit CMOS PARALLEL E2PROM
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV65 CATALYST-CAT28LV65 Datasheet
79Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28HT64 CATALYST-CAT28HT64 Datasheet
219Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64 CATALYST-CAT28LV64 Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com