Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28C256HN-12T Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT28C256HN-12T
Description  32K-Bit Parallel E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C256HN-12T Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT28C256HN-12T Datasheet HTML 1Page - Catalyst Semiconductor CAT28C256HN-12T Datasheet HTML 2Page - Catalyst Semiconductor CAT28C256HN-12T Datasheet HTML 3Page - Catalyst Semiconductor CAT28C256HN-12T Datasheet HTML 4Page - Catalyst Semiconductor CAT28C256HN-12T Datasheet HTML 5Page - Catalyst Semiconductor CAT28C256HN-12T Datasheet HTML 6Page - Catalyst Semiconductor CAT28C256HN-12T Datasheet HTML 7Page - Catalyst Semiconductor CAT28C256HN-12T Datasheet HTML 8Page - Catalyst Semiconductor CAT28C256HN-12T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CAT28C256
4
Doc. No. 25020-0A 2/98
28C256-12
28C256-15
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tRC
Read Cycle Time
120
150
ns
tCE
CE Access Time
120
150
ns
tAA
Address Access Time
120
150
ns
tOE
OE Access Time
50
70
ns
tLZ(1)
CE Low to Active Output
0
0
ns
tOLZ(1)
OE Low to Active Output
0
0
ns
tHZ(1)(2)
CE High to High-Z Output
50
50
ns
tOHZ(1)(2)
OE High to High-Z Output
50
50
ns
tOH(1)
Output Hold from Address Change
0
0
ns
MODE SELECTION
Mode
CE
WE
OE
I/O
Power
Read
L
H
L
DOUT
ACTIVE
Byte Write (
WE Controlled)
L
H
DIN
ACTIVE
Byte Write (
CE Controlled)
L
H
DIN
ACTIVE
Standby, and Write Inhibit
H
X
X
High-Z
STANDBY
Read and Write Inhibit
X
H
H
High-Z
ACTIVE
CAPACITANCE TA = 25°C, f = 1.0 MHz, VCC = 5V
Symbol
Test
Max.
Units
Conditions
CI/O(1)
Input/Output Capacitance
10
pF
VI/O = 0V
CIN(1)
Input Capacitance
6
pF
VIN = 0V
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) Output floating (High-Z) is defined as the state when the external data line is no longer driven by the output buffer.
A.C. CHARACTERISTICS, Read Cycle
VCC=5V + 10%, Unless otherwise specified


Similar Part No. - CAT28C256HN-12T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C256H13-12T CATALYST-CAT28C256H13-12T Datasheet
530Kb / 12P
   256K-Bit Parallel EEPROM
logo
ON Semiconductor
CAT28C256H13-12T ONSEMI-CAT28C256H13-12T Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
logo
Catalyst Semiconductor
CAT28C256H13-15T CATALYST-CAT28C256H13-15T Datasheet
530Kb / 12P
   256K-Bit Parallel EEPROM
logo
ON Semiconductor
CAT28C256H13-15T ONSEMI-CAT28C256H13-15T Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C256H13112 ONSEMI-CAT28C256H13112 Datasheet
132Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
More results

Similar Description - CAT28C256HN-12T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
CAT28C64BJ-12 CATALYST-CAT28C64BJ-12 Datasheet
57Kb / 12P
   64K-Bit CMOS PARALLEL E2PROM
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV65 CATALYST-CAT28LV65 Datasheet
79Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28HT64 CATALYST-CAT28HT64 Datasheet
219Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64 CATALYST-CAT28LV64 Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com