Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD40057CD Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD40057CD
Description  4.00 inch 5x7 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD40057CD Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD40057CD Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD40057CD Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD40057CD Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121848
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 4.00 inch 5x7 Dot Matrix LED Display
Internal Circuit Diagram
LM40057C (Common Cathode Row)
LM40057D (Common Anode Row)
7
2
6
5
7
1
4
12
5
7
6
5
4
2
7
1
12
5
NO.
PIN
NO.
3
2
8
14
ROW
1
9
COL.
13
PIN
1
4
2
3
11
3
4
10
5
6
COL.
3
2
ROW
1
8
14
9
NO.
PIN
PIN
NO. 13
1
3
23
411
10
4
6
5
Selection Guide
Part No.
Chip
Iv@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LD40057CR
LD40057DR
GaAlAs
Super Red
640
12
15
LD40057CD
LD40057DD
GaAlAs
Hi-Red
640
27
37.5
LD40057CO
LD40057DO
GaAsP
Orange
625
10.5
13.5
LD40057CY
LD40057DY
GaAsP
Yellow
588
12
15
LD40057CG
LD40057DG
GaP
Green
568
10.5
13.5
LD40057CUR
LD40057DUR
AlGaInP
Ultra Red
640
45
67.5
LD40057CUO
LD40057DUO
AlGaInP
Ultra Orange
625
67.5
90
LD40057CUA
LD40057DUA
AlGaInP
Ultra Amber
605
45
67.5
LD40057CUY
LD40057DUY
AlGaInP
Ultra Yellow
595
45
67.5
LD40057CUG
LD40057DUG
AlGaInP
Ultra Green
573
45
67.5
LD40057CPG
LD40057DPG
InGaN
Pure Green
525
180
450
LD40057CUB
LD40057DUB
InGaN
Ultra Blue
470
45
67.5
LD40057CUW
LD40057DUW
SMD
Ultra White
\
150
180
Unit:
\
\
\
nm
mcd
mcd


Similar Part No. - LD40057CD

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD40057AD LIGHTKEY-LD40057AD Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LD40057AG LIGHTKEY-LD40057AG Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LD40057AO LIGHTKEY-LD40057AO Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LD40057APG LIGHTKEY-LD40057APG Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LD40057AR LIGHTKEY-LD40057AR Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
More results

Similar Description - LD40057CD

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM40057AB LIGHTKEY-LM40057AB Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LM40044AB LIGHTKEY-LM40044AB Datasheet
133Kb / 3P
   4.00 inch 4x4 Dot Matrix LED Display
LM20057AB LIGHTKEY-LM20057AB Datasheet
192Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
LM20157AB LIGHTKEY-LM20157AB Datasheet
158Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
logo
Marktech Corporate
MTAN2140-12A MARKTECH-MTAN2140-12A Datasheet
45Kb / 1P
   Marktech 4.00 5x7 Dot Matrix
logo
Unity Opto Technology
UVP-1X57A UOT-UVP-1X57A Datasheet
129Kb / 5P
   1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-7X7 UOT-UVP-7X7 Datasheet
86Kb / 5P
   0.7 inch ( 17.22mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-4X57XX UOT-UVP-4X57XX Datasheet
98Kb / 5P
   4.0 inch ( 101.6mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-3X57 UOT-UVP-3X57 Datasheet
93Kb / 5P
   3.0 inch ( 76.2mm ) 5X7 DOT MATRIX LED DISPLAY
logo
China Semiconductor Cor...
CSM-57171VM9 CHINASEMI-CSM-57171VM9 Datasheet
249Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com