Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD40057CD Datasheet(PDF) 1 Page - LightKey Optoelectronics Ltd.

Part # LD40057CD
Description  4.00 inch 5x7 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD40057CD Datasheet(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LD40057CD Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD40057CD Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD40057CD Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121848
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 4.00 inch 5x7 Dot Matrix LED Display
LM40057C/D Series – 4.00 inch 5x7 Dot Matrix LED Display
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Features
106.50mm (4.00 inch) digit high
Dot size: Diameter 10.00 mm
Pitch: 15.24 mm
Wide viewing angle
Range of emitted colors
I.C. compatible
Low power consumption
White dot, grey or black face
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative dot color
Alternative face
Both CC and CA versions are available
Cropped terminal pins
RoHS compliant
Package Dimensions
76.20
5.08*6=30.48
15.24*4=60.96
76.00
PIN 1
1
COL.
5
4
3
2
7
6
5
3
4
ROW
2
1
10
.0
0
0.80
Notes:
1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm (0.01inch) unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.


Similar Part No. - LD40057CD

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD40057AD LIGHTKEY-LD40057AD Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LD40057AG LIGHTKEY-LD40057AG Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LD40057AO LIGHTKEY-LD40057AO Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LD40057APG LIGHTKEY-LD40057APG Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LD40057AR LIGHTKEY-LD40057AR Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
More results

Similar Description - LD40057CD

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM40057AB LIGHTKEY-LM40057AB Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LM40044AB LIGHTKEY-LM40044AB Datasheet
133Kb / 3P
   4.00 inch 4x4 Dot Matrix LED Display
LM20057AB LIGHTKEY-LM20057AB Datasheet
192Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
LM20157AB LIGHTKEY-LM20157AB Datasheet
158Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
logo
Marktech Corporate
MTAN2140-12A MARKTECH-MTAN2140-12A Datasheet
45Kb / 1P
   Marktech 4.00 5x7 Dot Matrix
logo
Unity Opto Technology
UVP-1X57A UOT-UVP-1X57A Datasheet
129Kb / 5P
   1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-7X7 UOT-UVP-7X7 Datasheet
86Kb / 5P
   0.7 inch ( 17.22mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-4X57XX UOT-UVP-4X57XX Datasheet
98Kb / 5P
   4.0 inch ( 101.6mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-3X57 UOT-UVP-3X57 Datasheet
93Kb / 5P
   3.0 inch ( 76.2mm ) 5X7 DOT MATRIX LED DISPLAY
logo
China Semiconductor Cor...
CSM-57171VM9 CHINASEMI-CSM-57171VM9 Datasheet
249Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com