Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM1601616CY Datasheet(PDF) 1 Page - LightKey Optoelectronics Ltd.

Part # LM1601616CY
Description  1.50 inch 16x16 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM1601616CY Datasheet(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LM1601616CY Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM1601616CY Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM1601616CY Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121854
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.5 inch 16x16 Dot Matrix LED Display
LM1601616C/B Series – 1.50 inch 16x16 Dot Matrix LED Display
Features
39.00 mm (1.50 inch) matrix height
Dot size: Diameter 1.80 mm
Pitch: 2.5 mm
Wide viewing angle
Range of emitted colors
I.C. compatible
Low power consumption
White dot, grey or black face
RoHS compliant
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm (0.01inch) unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative dot color
Alternative face color
Both CA or CC versions are available
Cropped terminal pins


Similar Part No. - LM1601616CY

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM1601616AB LIGHTKEY-LM1601616AB Datasheet
142Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM1601616AD LIGHTKEY-LM1601616AD Datasheet
142Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM1601616AG LIGHTKEY-LM1601616AG Datasheet
142Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM1601616AO LIGHTKEY-LM1601616AO Datasheet
142Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM1601616APG LIGHTKEY-LM1601616APG Datasheet
142Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
More results

Similar Description - LM1601616CY

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM1601616AB LIGHTKEY-LM1601616AB Datasheet
142Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM15088CD LIGHTKEY-LM15088CD Datasheet
226Kb / 3P
   1.50 inch 8x8 Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-16151G CHINASEMI-CSM-16151G Datasheet
256Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151E CHINASEMI-CSM-16151E Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151S CHINASEMI-CSM-16151S Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151A9 CHINASEMI-CSM-16151A9 Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151M9 CHINASEMI-CSM-16151M9 Datasheet
260Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151T9 CHINASEMI-CSM-16151T9 Datasheet
260Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151V9 CHINASEMI-CSM-16151V9 Datasheet
255Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
logo
LightKey Optoelectronic...
LM2601616AB LIGHTKEY-LM2601616AB Datasheet
212Kb / 3P
   LM2601616A/B Series ??1.60 inch 16x16 Dot Matrix LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com