Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25C256KI-TE13 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT25C256KI-TE13
Description  128K/256K-Bit SPI Serial CMOS E2PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C256KI-TE13 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT25C256KI-TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C256KI-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C256KI-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C256KI-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C256KI-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C256KI-TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C256KI-TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C256KI-TE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C256KI-TE13 Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
CAT25C128/256
Doc. No. 25088-00 1/01
Figure 5. RDSR Timing
Byte Write
Once the device is in a Write Enable state, the user may
proceed with a write sequence by setting the
CS low,
issuing a write instruction via the SI line, followed by the
16-bit address (the most significant bit is don't care for
25C256 and the two most significant bits are don't care
for the 25C128), and then the data to be written. Pro-
gramming will start after the
CS is brought high. The low
to high transition of the
CS pin must occur during the
SCK low time, immediately after clocking the least
significant bit of the data. Figure 6 illustrates byte write
sequence.
WRITE Sequence
The CAT25C128/256 powers up in a Write Disable
state. Prior to any write instructions, the WREN instruc-
tion must be sent to CAT25C128/256. The device goes
into Write enable state by pulling the
CS low and then
clocking the WREN instruction into CAT25C128/256.
The
CS must be brought high after the WREN instruction
to enable writes to the device. If the write operation is
initiated immediately after the WREN instruction without
CS being brought high, the data will not be written to the
array because the write enable latch will not have been
properly set. Also, for a successful write operation the
address of the memory location(s) to be programmed
must be outside the protected address field location
selected by the block protection level.
Figure 4. Read Instruction Timing
SK
SI
SO
0000001
1
BYTE ADDRESS*
0123456789
10
20
21
22
23
24
25
26
27
28
29
30
7
6
5
4
3
2
1
0
*Please check the instruction set table for address
CS
OPCODE
DATA OUT
MSB
HIGH IMPEDANCE
0
1
2
345
67
8
10
911
12
13
14
SCK
SI
DATA OUT
MSB
HIGH IMPEDANCE
OPCODE
SO
7
6
5
4
3
2
1
0
CS
00
0
00
1
0
1
Note: Dashed Line= mode (1, 1) — — — —
Note: Dashed Line= mode (1, 1) — — — —


Similar Part No. - CAT25C256KI-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C256 CATALYST-CAT25C256 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT25C256L-1.8-GT2 CATALYST-CAT25C256L-1.8-GT2 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT25C256L-1.8-GT3 CATALYST-CAT25C256L-1.8-GT3 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT25C256L-1.8T2 CATALYST-CAT25C256L-1.8T2 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT25C256L-1.8T3 CATALYST-CAT25C256L-1.8T3 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
More results

Similar Description - CAT25C256KI-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C64 CATALYST-CAT25C64 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
CAT25C128 CATALYST-CAT25C128_05 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT24WC128 CATALYST-CAT24WC128 Datasheet
43Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
CAT24WC129 CATALYST-CAT24WC129 Datasheet
74Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
logo
Seiko Instruments Inc
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
logo
Integrated Silicon Solu...
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
logo
Seiko Instruments Inc
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
logo
Catalyst Semiconductor
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com