Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2601616AO Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LM2601616AO
Description  LM2601616A/B Series ??1.60 inch 16x16 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM2601616AO Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LM2601616AO Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM2601616AO Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM2601616AO Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121852
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 2.6 inch 16x16 Dot Matrix LED Display
Internal Circuit Diagram
LM2601616B (Common Cathode Row)
LM2601616A (Common Anode Row)
12 3 4 5678 24 23 22 21 20 19 18 17
1 2 3 4 5 6 7 8 9 10 1112 131415 16
25
26
27
28
29
30
31
32
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PIN
NO.
PIN
NO.
COL.
12 3 4 5678 24 23 22 21 20 19 18 17
1 2 34 56 78 9 10 11 12 13 14 15 16
25
26
27
28
29
30
31
32
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PIN
NO.
PIN
NO.
COL.
Selection Guide
Part No.
Chip
Iv@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LM2601616AR
LM2601616BR
GaAlAs
Super Red
640
8
10
LM2601616AD
LM2601616BD
GaAlAs
Hi-Red
640
18
25
LM2601616AO
LM2601616BO
GaAsP
Orange
625
7
9
LM2601616AY
LM2601616BY
GaAsP
Yellow
588
8
10
LM2601616AG
LM2601616BG
GaP
Green
568
7
9
LM2601616AUR
LM2601616BUR
AlGaInP
Ultra Red
640
30
45
LM2601616AUO
LM2601616BUO
AlGaInP
Ultra Orange
625
45
60
LM2601616AUA
LM2601616BUA
AlGaInP
Ultra Amber
605
30
45
LM2601616AUY
LM2601616BUY
AlGaInP
Ultra Yellow
595
30
45
LM2601616AUG
LM2601616BUG
AlGaInP
Ultra Green
573
30
45
LM2601616APG
LM2601616BPG
InGaN
Pure Green
525
120
300
LM2601616AUB
LM2601616BUB
InGaN
Ultra Blue
470
30
45
LM2601616AUW
LM2601616BUW
SMD
Ultra White
\
100
120
Unit:
\
\
\
nm
mcd
mcd


Similar Part No. - LM2601616AO

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2601 NSC-LM2601 Datasheet
130Kb / 6P
   Adapter Interface Circuit
LM2601MTC NSC-LM2601MTC Datasheet
130Kb / 6P
   Adapter Interface Circuit
LM2601MTCX NSC-LM2601MTCX Datasheet
130Kb / 6P
   Adapter Interface Circuit
More results

Similar Description - LM2601616AO

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM1601616CD LIGHTKEY-LM1601616CD Datasheet
151Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM1601616AB LIGHTKEY-LM1601616AB Datasheet
142Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-16151G CHINASEMI-CSM-16151G Datasheet
256Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151E CHINASEMI-CSM-16151E Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151S CHINASEMI-CSM-16151S Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151A9 CHINASEMI-CSM-16151A9 Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151M9 CHINASEMI-CSM-16151M9 Datasheet
260Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151T9 CHINASEMI-CSM-16151T9 Datasheet
260Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151V9 CHINASEMI-CSM-16151V9 Datasheet
255Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
logo
Lite-On Technology Corp...
LTP-251FFA LITEON-LTP-251FFA Datasheet
939Kb / 5P
   2.5 16x16 MULTICOLOR DOT MATRIX DISPLAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com