Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBB501R8SCKA Datasheet(PDF) 4 Page - International Rectifier

Part # SBB501R8SCKA
Description  HIGH RELIABILITY CLASS K HYBRID RADIATION HARDENED, NON-ISOLATED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SBB501R8SCKA Datasheet(HTML) 4 Page - International Rectifier

  SBB501R8SCKA Datasheet HTML 1Page - International Rectifier SBB501R8SCKA Datasheet HTML 2Page - International Rectifier SBB501R8SCKA Datasheet HTML 3Page - International Rectifier SBB501R8SCKA Datasheet HTML 4Page - International Rectifier SBB501R8SCKA Datasheet HTML 5Page - International Rectifier SBB501R8SCKA Datasheet HTML 6Page - International Rectifier SBB501R8SCKA Datasheet HTML 7Page - International Rectifier SBB501R8SCKA Datasheet HTML 8Page - International Rectifier SBB501R8SCKA Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
www.irf.com
SBB SERIES
Single Output
Electrical Performance Characteristics
For Notes to Electrical Performance Characteristics Table, refer to page 6
1
Meets derating per MIL-STD-1547
Input voltage range
-0.5Vdc to +7.0Vdc
Input voltage range
4.5Vdc to 5.5Vdc
Output power
Internally limited
Output power
0 to Max. Rated
Lead temperature
300°C for 10 seconds
Operating case temperature
-55°C to +125°C
Operating case temperature
1
-55°C to +85°C
Storage temperature
-55°C to +125°C
Storage temperature
-55°C to +125°C
Recommended Operating Conditions
Absolute Maximum Ratings
Limits
Parameter
Group A
Subgroup
Conditions
-55
°C ≤ TC ≤ +85°C
VIN = 5.0V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Input Voltage
4.5
5.0
5.5
V
Output Voltage (VOUT)
SBB501S
SBB501R2S
SBB501R5S
SBB501R8S
SBB502R5S
SBB503R3S
SBB501S
SBB501R2S
SBB501R5S
SBB501R8S
SBB502R5S
SBB503R3S
1
1
1
1
1
1
2,3
2,3
2,3
2,3
2,3
2,3
IOUT = 100% rated load
IOUT = 100% rated load
0.985
1.182
1.478
1.773
2.463
3.251
0.970
1.164
1.462
1.755
2.450
3.234
1.000
1.200
1.500
1.800
2.500
3.300
1.015
1.218
1.523
1.827
2.538
3.350
1.030
1.236
1.537
1.855
2.550
3.366
V
Output power (POUT)
SBB501S
SBB501R2S
SBB501R5S
SBB501R8S
SBB502R5S
SBB503R3S
1,2,3
VIN = 4.5, 5.0 and 5.5V, Note 2
14
16.8
21
25.2
30
30
W
Output current (IOUT)
SBB501S
SBB501R2S
SBB501R5S
SBB501R8S
SBB502R5S
SBB503R3S
1,2,3
VIN = 4.5, 5.0 and 5.5V, Note 2
0
0
0
0
0
0
14
14
14
14
12
9.1
A
Line regulation (VRLINE)
1,2,3
VIN = 4.5, 5.0, 5.5 Volts
IOUT = 0, 50%, 100% rated
-0.25
0.25
%
Load regulation (VRLOAD)
SBB501S
SBB501R2S
SBB501R5S
SBB501R8S
SBB502R5S
SBB503R3S
1,2,3
VIN = 4.5, 5.0, 5.5 Volts
IOUT = 0, 50%, 100% rated
-15
-15
-15
-15
-13
-17
15
15
15
15
17
17
mV
Switching frequency (FS)
1,2,3
Sync Input (Pin 9) open
360
400
440
KHz


Similar Part No. - SBB501R8SCKA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SBB501S IRF-SBB501S Datasheet
183Kb / 11P
   HIGH RELIABILITY CLASS K HYBRID
SBB501S IRF-SBB501S_15 Datasheet
183Kb / 11P
   HIGH RELIABILITY CLASS K HYBRID
More results

Similar Description - SBB501R8SCKA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SBB501S IRF-SBB501S_15 Datasheet
183Kb / 11P
   HIGH RELIABILITY CLASS K HYBRID
ARH28XXS IRF-ARH28XXS Datasheet
118Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
ART2800T IRF-ART2800T Datasheet
231Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ARH2800 IRF-ARH2800_15 Datasheet
191Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTERS
M3G5003R3S IRF-M3G5003R3S Datasheet
182Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART2800T IRF-ART2800T_15 Datasheet
231Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12005S IRF-GHP12005S Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com