Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA648MS05HI Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MA648MS05HI
Description  MA600MHI SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA648MS05HI Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MA648MS05HI Datasheet HTML 1Page - MicroPower Direct, LLC MA648MS05HI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
6W Output Power
4 kVAC rms Isolation
Reinforced Insulation
2 µA Leakage Current Max
Wide 2:1 Input Range
Compact DIP Case
Single & Dual Outputs
Meets EN55022
700 kH MTBF
EN 60950 Approved
EN 60601 Approved
MA600MHI
High Isolation, 6W
Medical Approved
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Start Voltage
12 VDC Input
7.0
8.0
9.0
VDC
24 VDC Input
13.0
15.0
18.0
48 VDC Input
30.0
33.0
36.0
Under Voltage Shutdown
12 VDC Input
8.5
VDC
24 VDC Input
16.0
48 VDC Input
34.0
Input Filter
(Pi) Filter (Complies with EN55022 Class A)
Leakage Current
240 VAC, 60 Hz
2
µA
Short Circuit Input Power
3,000
mW
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±0.5
±1.0
%
Output Voltage Balance
Dual Output , Balanced Loads
±0.5
±2.0
%
Line Regulation
Vin = Min to Max
±0.3
±0.5
%
Load Regulation
Iout = 25% to 100%
±0.5
±1.0
%
Ripple & Noise (20 MHz), See Note 1
5V Output
75
100
mV P - P
All Other Outputs
100
150
Ripple & Noise (20 MHz)
Over Line, Load & Temp.
180
mV P - P
Ripple & Noise (20 MHz)
25
mV rms
Output Power Protection
120
%
Transient Recovery Time, See Note 2
25% Load Step Change
300
500
µSec
Transient Response Deviation
±3.0
±6.0
%
Temperature Coefficient
±0.02
±0.05
%/ºC
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage, Rated
60 Seconds
4,000
VAC rms
Isolation Test Voltage
Flash Tested For 1 Sec
6,000
VPk
Reinforced Insulation Working Voltage
300
VAC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz, 1V
7
13
pF
Switching Frequency
150
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+75
ºC
Operating Temperature Range
Case
-40
+95
ºC
Storage Temperature Range
-50
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
1.25 x 0.80 x 0.47 Inches (31.8 x 20.3 x 12.0 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.63 Oz (18.0g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
700
kHours
Safety Approvals
UL 60601, UL 60950, EN 60601, EN 60950
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
12 VDC Input
-0.7
25.0
VDC
24 VDC Input
-0.7
50.0
48 VDC Input
-0.7
100.0
Lead Temperature
1.5 mm From Case For 10 Sec
260
º
C
Internal Power Dissipation
All Models
2,500
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
www.micropowerdirect.com
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com


Similar Part No. - MA648MS05HI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MA648D-05ERU MPD-MA648D-05ERU Datasheet
901Kb / 4P
   4:1 Input, 6W DIP, Single & Dual Output DC/DC Con vert ers
MA648D-12ERU MPD-MA648D-12ERU Datasheet
901Kb / 4P
   4:1 Input, 6W DIP, Single & Dual Output DC/DC Con vert ers
MA648D-15ERU MPD-MA648D-15ERU Datasheet
901Kb / 4P
   4:1 Input, 6W DIP, Single & Dual Output DC/DC Con vert ers
MA648D05RU MPD-MA648D05RU Datasheet
490Kb / 2P
   MA600RU SERIES
MA648D05RUI MPD-MA648D05RUI Datasheet
491Kb / 2P
   MA600RUI SERIES
More results

Similar Description - MA648MS05HI

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com