Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA600RU Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MA600RU
Description  MA600RU SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA600RU Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MA600RU Datasheet HTML 1Page - MicroPower Direct, LLC MA600RU Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model Selection Guide
Model
Number
Input
Output
Efficiency
(%, Typ)
Reflected
Ripple
Current
(mA Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MA624S-05RU
24
9.0 - 36.0
214
20
3.3
1,200.0
0.0
77
20.0
470
1,500
MA624S-05RU
24
9.0 - 36.0
313
20
5.0
1,200.0
0.0
80
20.0
470
1,500
MA624S-12RU
24
9.0 - 36.0
298
20
12.0
500.0
0.0
84
20.0
100
1,500
MA624S-15RU
24
9.0 - 36.0
298
20
15.0
400.0
0.0
84
20.0
100
1,500
MA624S-24RU
24
9.0 - 36.0
298
20
24.0
250.0
0.0
84
20.0
47
1,500
MA624D-05RU
24
9.0 - 36.0
260
20
±5.0
±500.0
±0.0
80
20.0
±100
1,500
MA624D-12RU
24
9.0 - 36.0
298
20
±12.0
±250.0
±0.0
84
20.0
±100
1,500
MA624D-15RU
24
9.0 - 36.0
298
20
±15.0
±200.0
±0.0
84
20.0
±100
1,500
MA648S-03RU
48
18.0 - 75.0
107
10
3.3
1,200.0
0.0
77
15.0
470
800
MA648S-05RU
48
18.0 - 75.0
156
10
5.0
1,200.0
0.0
80
15.0
470
800
MA648S-12RU
48
18.0 - 75.0
149
10
12.0
500.0
0.0
84
15.0
100
800
MA648S-15RU
48
18.0 - 75.0
149
10
15.0
400.0
0.0
84
15.0
100
800
MA648S-24RU
48
18.0 - 75.0
149
10
24.0
250.0
0.0
84
15.0
47
800
MA648D-05RU
48
18.0 - 75.0
130
10
±5.0
±500.0
±0.0
80
15.0
±100
800
MA648D-12RU
48
18.0 - 75.0
149
10
±12.0
±250.0
±0.0
84
15.0
±100
800
MA648D-15RU
48
18.0 - 75.0
149
10
±15.0
±200.0
±0.0
84
15.0
±100
800
For 3 kV Isolation, See MA600x-xxRUI Series Datasheet
For 2:1 Inputs, See MA600x-xxRW Series Datasheet
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.x = ±0.02 (±0.50)
Tolerance x.xx = ±0.01 (±0.25)
Notes:
1. When measuring output ripple, it is recommended that an external 3.3 µF ceramic capacitor be
placed from the +VOUT pin to the -VOUT pin for single output units and from each output to common
for dual output units.
2. Transient recovery is measured to within a 1% error band for a load step change of 75% to 100%.
3. Operation at no-load will not damage these units.
4. An external 220 µF/100V capacitor connected across the input pins is required to meet
EN61000-4-4 and EN61000-4-5.
5. Dual output units may be connected to provide a 10, 24 or 30 VDC output. To do this, connect the
load across the positive (+VOUT) and negative (-VOUT) outputs and float the output common.
6. The converter should be connected to a low ac-impedance source. An input source with a highly
inductive impedance may affect the stability of the converter. In applications where the converter
output loading is high and input power is supplied over long lines, it may be necessary to use
a capacitor on the input to insure start-up. In this case, it is recommended that a low ESR (ESR
<1.0
at 100 kHz) capacitor be mounted close to the converter. For 24V input units a 4.7 µF is
recommended; and for 48V units a 2.2 µF.
7. It is recommended that a fuse be used on the input of a power supply for protection. See the table
above for the correct rating.
Pin
Single
Dual
2, 3
-VIN
-VIN
9
No Pin
Common
11
NC
-VOUT
14
+VOUT
+VOUT
16
-VOUT
Common
22, 23
+VIN
+VIN
NC: No Connection
Pin Connections
Mechanical Dimensions
Derating Curve


Similar Part No. - MA600RU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MA600RUI MPD-MA600RUI Datasheet
491Kb / 2P
   MA600RUI SERIES
More results

Similar Description - MA600RU

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com