Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA548D12RUI Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MA548D12RUI
Description  MA500RUI SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA548D12RUI Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MA548D12RUI Datasheet HTML 1Page - MicroPower Direct, LLC MA548D12RUI Datasheet HTML 2Page - MicroPower Direct, LLC MA548D12RUI Datasheet HTML 3Page - MicroPower Direct, LLC MA548D12RUI Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model Selection Guide
www.micropowerdirect.com
Notes:
1. Cross regulation is measured with the output being tested at 100% load while the other output is varied
from 25% to 100% load.
2. See the typical connection circuit on page three for typical external filtering components. For help with a
specific model or layout issue, contact the factory.
3. Isolation voltage is specified for Input to output. On units with the optional metal case, the isolation voltage
for Input - Case and Output - Case is 1,000 VDC.
4. Operation at no-load will not damage the unit, but they may not meet all specifications. To meet all speci-
fications, a minimum load of 33% should be maintained.
5. It is recommended that a fuse be used on the input of a power supply for protection. See the Model Selection
table above for the correct rating.
Model
Number
Input
Output
Efficiency
(%, Typ)
Reflected
Ripple
Current
(mA Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MA524S-03RUI-xx
24
9.0 - 36.0
243.0
20
3.3
1,200.0
300.0
68
35.0
2,200
600
MA524S-05RUI-xx
24
9.0 - 36.0
285.0
20
5.0
1,000.0
250.0
73
35.0
1,000
600
MA524S-12RUI-xx
24
9.0 - 36.0
282.0
20
12.0
416.0
105.0
74
35.0
470
600
MA524S-15RUI-xx
24
9.0 - 36.0
282.0
20
15.0
333.0
84.0
74
35.0
470
600
MA524D-05RUI-xx
24
9.0 - 36.0
271.0
20
±5.0
±500.0
±125.0
77
35.0
±1,000
600
MA524D-12RUI-xx
24
9.0 - 36.0
254.0
20
±12.0
±208.0
±53.0
82
35.0
±220
600
MA524D-15RUI-xx
24
9.0 - 36.0
254.0
20
±15.0
±166.0
±42.0
82
35.0
±220
600
MA548S-03RUI-xx
48
18.0 - 72.0
118.0
15
3.3
1,200.0
300.0
70
35.0
2,200
300
MA548S-05RUI-xx
48
18.0 - 72.0
143.0
15
5.0
1,000.0
250.0
73
35.0
1,000
300
MA548S-12RUI-xx
48
18.0 - 72.0
141.0
15
12.0
416.0
105.0
74
35.0
470
300
MA548S-15RUI-xx
48
18.0 - 72.0
137.0
15
15.0
333.0
84.0
76
35.0
470
300
MA548D-05RUI-xx
48
18.0 - 72.0
145.0
15
±5.0
±500.0
±125.0
72
35.0
±1,000
300
MA548D-12RUI-xx
48
18.0 - 72.0
139.0
15
±12.0
±208.0
±53.0
75
35.0
±220
300
MA548D-15RUI-xx
48
18.0 - 72.0
139.0
15
±15.0
±166.0
±42.0
75
35.0
±220
300
292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
Model Number
For the alternate pin-out (see page 4) , add suffix “P2” to model number
(i.e. MA524S-05RUI-P2)
Series
Power
Input Range
Isolation
MA100X-xxRW
1W
2:1
1.5 kVDC
MA100X-xxRWI
1W
2:1
3.5 kVDC
MA100X-xxRU
1W
4:1
1.5 kVDC
MA100X-xxRUI
1W
4:1
3.5 kVDC
MA200X-xxRW
2W
2:1
1.5 kVDC
MA200X-xxRWI
2W
2:1
3.5 kVDC
MA200X-xxRU
2W
4:1
1.5 kVDC
MA200X-xxRUI
2W
4:1
3.5 kVDC
MA300X-xxRW
3W
2:1
1.5 kVDC
MA300X-xxRWI
3W
2:1
3.0 kVDC
MA300X-xxRU
3W
4:1
1.5 kVDC
MA300X-xxRUI
3W
4:1
3.0 kVDC
MA400X-xxRW
4W
2:1
1.5 kVDC
MA400X-xxRWI
4W
2:1
3.5 kVDC
MA400X-xxRU
4W
4:1
1.5 kVDC
MA400X-xxRUI
4W
4:1
3.5 kVDC
MA500X-xxRW
5W
2:1
1.5 kVDC
MA500X-xxRWI
5W
2:1
3.5 kVDC
MA500X-xxRU
5W
4:1
1.5 kVDC
MA500X-xxRUI
5W
4:1
3.5 kVDC
MA600X-xxRW
6W
2:1
1.5 kVDC
MA600X-xxRWI
6W
2:1
3.0 kVDC
MA600X-xxRU
6W
4:1
1.5 kVDC
MA600X-xxRUI
6W
4:1
3.0 kVDC
NEW DIP DC/DC Converter
Visit our website or contact the factory for more information.
Families From MPD
Derating Curve


Similar Part No. - MA548D12RUI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MA548D12RU MPD-MA548D12RU Datasheet
1Mb / 4P
   MA500RU SERIES
More results

Similar Description - MA548D12RUI

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com