Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA348S03RW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MA348S03RW
Description  MA300RW SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA348S03RW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MA348S03RW Datasheet HTML 1Page - MicroPower Direct, LLC MA348S03RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model Selection Guide
Model
Number
Input
Output
Efficiency
(%, Typ)
Reflected
Ripple
Current
(mA Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MA305S-03RW
5
4.5 - 9.0
514
65
3.3
600.0
0.0
77
100.0
680
1,500
MA305S-05RW
5
4.5 - 9.0
641
65
5.0
500.0
0.0
78
100.0
470
1,500
MA305S-12RW
5
4.5 - 9.0
732
65
12.0
250.0
0.0
82
100.0
330
1,500
MA305S-15RW
5
4.5 - 9.0
732
65
15.0
200.0
0.0
82
100.0
220
1,500
MA305S-24RW
5
4.5 - 9.0
741
65
24.0
125.0
0.0
81
100.0
100
1,500
MA305D-05RW
5
4.5 - 9.0
649
65
±5.0
±250.0
±0.0
77
100.0
±220
1,500
MA305D-12RW
5
4.5 - 9.0
741
65
±12.0
±125.0
±0.0
81
100.0
±150
1,500
MA305D-15RW
5
4.5 - 9.0
741
65
±15.0
±100.0
±0.0
81
100.0
±100
1,500
MA312S-03RW
12
9.0 - 18.0
209
35
3.3
600.0
0.0
79
30.0
680
600
MA312S-05RW
12
9.0 - 18.0
257
35
5.0
500.0
0.0
81
30.0
470
600
MA312S-12RW
12
9.0 - 18.0
294
35
12.0
250.0
0.0
85
30.0
330
600
MA312S-15RW
12
9.0 - 18.0
294
35
15.0
200.0
0.0
85
30.0
220
600
MA312S-24RW
12
9.0 - 18.0
298
35
24.0
125.0
0.0
84
30.0
100
600
MA312D-05RW
12
9.0 - 18.0
260
35
±5.0
±250.0
±0.0
80
30.0
±220
600
MA312D-12RW
12
9.0 - 18.0
298
35
±12.0
±125.0
±0.0
84
30.0
±150
600
MA312D-15RW
12
9.0 - 18.0
298
35
±15.0
±100.0
±0.0
84
30.0
±100
600
MA324S-05RW
24
18.0 - 36.0
104
20
3.3
600.0
0.0
79
15.0
680
300
MA324S-05RW
24
18.0 - 36.0
129
20
5.0
500.0
0.0
81
15.0
470
300
MA324S-12RW
24
18.0 - 36.0
147
20
12.0
250.0
0.0
85
15.0
330
300
MA324S-15RW
24
18.0 - 36.0
147
20
15.0
200.0
0.0
85
15.0
220
300
MA324S-24RW
24
18.0 - 36.0
149
20
24.0
125.0
0.0
84
15.0
100
300
MA324D-05RW
24
18.0 - 36.0
130
20
±5.0
±250.0
±0.0
80
15.0
±220
300
MA324D-12RW
24
18.0 - 36.0
149
20
±12.0
±125.0
±0.0
84
15.0
±150
300
MA324D-15RW
24
18.0 - 36.0
149
20
±15.0
±100.0
±0.0
84
15.0
±100
300
MA348S-03RW
48
36.0 - 72.0
52
15
3.3
600.0
0.0
79
10.0
680
150
MA348S-05RW
48
36.0 - 72.0
64
15
5.0
500.0
0.0
81
10.0
470
150
MA348S-12RW
48
36.0 - 72.0
74
15
12.0
250.0
0.0
85
10.0
330
150
MA348S-15RW
48
36.0 - 72.0
74
15
15.0
200.0
0.0
85
10.0
220
150
MA348S-24RW
48
36.0 - 72.0
74
15
24.0
125.0
0.0
84
10.0
100
150
MA348D-05RW
48
36.0 - 72.0
65
15
±5.0
±250.0
±0.0
80
10.0
±220
150
MA348D-12RW
48
36.0 - 72.0
74
15
±12.0
±125.0
±0.0
84
10.0
±150
150
MA348D-15RW
48
36.0 - 72.0
74
15
±15.0
±100.0
±0.0
84
10.0
±100
150
For 3 kV Isolation, See MA300-xxRWI Series Datasheet
For 4:1 Inputs, See MA300-xxRU Series Datasheet
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.x = ±0.02 (±0.50)
Tolerance x.xx = ±0.01 (±0.25)
Notes:
1. When measuring output ripple, it is recommended that an external 3.3 µF ceramic capacitor be placed from the +VOUT pin
to the -VOUT pin for single output units and from each output to common for dual output units.
2. Transient recovery is measured to within a 1% error band for a load step change of 75% to 100%.
3. Operation at no-load will not damage these units.
4. An external 220 µF/100V capacitor connected across the input pins is required to meet EN61000-4-4 and EN61000-4-5.
5. Dual output units may be connected to provide a 10, 24 or 30 VDC output. To do this, connect the load across the positive
(+VOUT) and negative (-VOUT) outputs and float the output common.
6. The converter should be connected to a low ac-impedance source. An input source with a
highly inductive impedance may affect the stability of the converter. In applications where the
converter output loading is high and input power is supplied over long lines, it may be necessary
to use a capacitor on the input to insure start-up. In this case, it is recommended that a low
ESR (ESR <1.0
at 100 kHz) capacitor be mounted close to the converter. For 5V input units a
8.2 µF is recommended, for 12V input units, a 3.3 µF; and for 24V & 48V units a 1.5 µF.
7. It is recommended that a fuse be used on the input of a power supply for protection. See
the table above for the correct rating.
Pin
Single
Dual
2, 3
-VIN
-VIN
9
No Pin
Common
11
NC
-VOUT
14
+VOUT
+VOUT
16
-VOUT
Common
22, 23
+VIN
+VIN
NC: No Connection
Pin Connections
Mechanical Dimensions
Pin
Single
Dual
2, 3
-VIN
-VIN
9
No Pin
Common
11
NC
-VOUT
V
V
14
+VOUT
V
V
+VOUT
V
V
16
-VOUT
V
V
Common
22, 23
+VIN
+VIN
NC: No Connection
Pin Connections
Derating Curve


Similar Part No. - MA348S03RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MA348S03RWI MPD-MA348S03RWI Datasheet
499Kb / 2P
   MA300RWI SERIES
More results

Similar Description - MA348S03RW

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com