Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24WC256WI1TE13 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT24WC256WI1TE13
Description  256K-Bit I2C Serial CMOS EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC256WI1TE13 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT24WC256WI1TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC256WI1TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC256WI1TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC256WI1TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC256WI1TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC256WI1TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC256WI1TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC256WI1TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT24WC256WI1TE13 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CAT24WC256
7
Doc. No. 1031, Rev. F
READ OPERATIONS
The READ operation for the CAT24WC256 is initiated in
the same manner as the write operation with one excep-
tion, that R/W bit is set to one. Three different READ
operations are possible: Immediate/Current Address
READ, Selective/Random READ and Sequential READ.
Immediate/Current Address Read
The CAT24WC256’s address counter contains the ad-
dress of the last byte accessed, incremented by one. In
other words, if the last READ or WRITE access was to
address N, the READ immediately following would ac-
cess data from address N+1. If N=E (where E=32767),
then the counter will ‘wrap around’ to address 0 and
continue to clock out data. After the CAT24WC256
receives its slave address information (with the R/W bit
set to one), it issues an acknowledge, then transmits the
8 bit byte requested. The master device does not send
an acknowledge, but will generate a STOP condition.
Selective/Random Read
Selective/Random READ operations allow the Master
device to select at random any memory location for a
READ operation. The Master device first performs a
‘dummy’ write operation by sending the START condi-
tion, slave address and byte addresses of the location it
wishes to read. After CAT24WC256 acknowledges, the
Master device sends the START condition and the slave
address again, this time with the R/W bit set to one. The
CAT24WC256 then responds with its acknowledge and
sends the 8-bit byte requested. The master device does
not send an acknowledge but will generate a STOP
condition.
Sequential Read
The Sequential READ operation can be initiated by
either the Immediate Address READ or Selective READ
operations. After the CAT24WC256 sends the initial 8-
bit byte requested, the Master will respond with an
acknowledge which tells the device it requires more
data. The CAT24WC256 will continue to output an 8-bit
byte for each acknowledge sent by the Master. The
operation will terminate when the Master fails to respond
with an acknowledge, thus sending the STOP condition.
The data being transmitted from CAT24WC256 is out-
putted sequentially with data from address N followed by
data from address N+1. The READ operation address
counter increments all of the CAT24WC256 address bits
so that the entire memory array can be read during one
operation. If more than E (where E=32767) bytes are
read out, the counter will ‘wrap around’ and continue to
clock out data bytes.
Figure 8. Immediate Address Read Timing
SCL
SDA
8TH BIT
STOP
NO ACK
DATA OUT
89
SLAVE
ADDRESS
S
A
C
K
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
N
O
A
C
K
DATA
S
T
O
P
P


Similar Part No. - CAT24WC256WI1TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC257 CATALYST-CAT24WC257 Datasheet
417Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC257J-1.8TE13 CATALYST-CAT24WC257J-1.8TE13 Datasheet
417Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC257J3TE13 CATALYST-CAT24WC257J3TE13 Datasheet
417Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC257JA-1.8TE13 CATALYST-CAT24WC257JA-1.8TE13 Datasheet
417Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC257JA3TE13 CATALYST-CAT24WC257JA3TE13 Datasheet
417Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
More results

Similar Description - CAT24WC256WI1TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC257 CATALYST-CAT24WC257 Datasheet
417Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24AA256-I MICROCHIP-24AA256-I Datasheet
700Kb / 34P
   256K I2C CMOS Serial EEPROM
01/05/10
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256TISM MICROCHIP-24LC256TISM Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISN MICROCHIP-24LC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24AA256 MICROCHIP-24AA256_13 Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISNG MICROCHIP-24LC256ISNG Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com