Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G114E Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # G114E
Description  G100E Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

G114E Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  G114E Datasheet HTML 1Page - MicroPower Direct, LLC G114E Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
G101E
5
4.5 - 5.5
286
30
5.0
200.0
20.0
15
70
500
G102E
5
4.5 - 5.5
256
30
9.0
111.0
12.0
15
78
500
G103E
5
4.5 - 5.5
256
30
12.0
83.0
9.0
15
78
500
G104E
5
4.5 - 5.5
250
30
15.0
67.0
7.0
15
80
500
G105E
5
4.5 - 5.5
278
30
±5.0
±100.0
±10.0
15
72
500
G106E
5
4.5 - 5.5
260
30
±9.0
±56.0
±6.0
15
77
500
G107E
5
4.5 - 5.5
253
30
±12.0
±42.0
±5.0
15
79
500
G108E
5
4.5 - 5.5
250
30
±15.0
±33.0
±4.0
15
80
500
G111E
12
10.8 - 13.2
117
15
5.0
200.0
20.0
15
71
200
G112E
12
10.8 - 13.2
109
15
9.0
111.0
12.0
15
76
200
G113E
12
10.8 - 13.2
107
15
12.0
83.0
9.0
15
78
200
G114E
12
10.8 - 13.2
105
15
15.0
67.0
7.0
15
79
200
G115E
12
10.8 - 13.2
116
15
±5.0
±100.0
±10.0
15
72
200
G116E
12
10.8 - 13.2
107
15
±9.0
±56.0
±6.0
15
78
200
G117E
12
10.8 - 13.2
105
15
±12.0
±42.0
±5.0
15
79
200
G118E
12
10.8 - 13.2
107
15
±15.0
±33.0
±4.0
15
78
200
G121E
24
21.6 - 26.4
57
8
5.0
200.0
20.0
15
73
100
G122E
24
21.6 - 26.4
53
8
9.0
111.0
12.0
15
78
100
G123E
24
21.6 - 26.4
53
8
12.0
83.0
9.0
15
78
100
G124E
24
21.6 - 26.4
52
8
15.0
67.0
7.0
15
79
100
G125E
24
21.6 - 26.4
57
8
±5.0
±100.0
±10.0
15
73
100
G126E
24
21.6 - 26.4
52
8
±9.0
±56.0
±6.0
15
79
100
G127E
24
21.6 - 26.4
52
8
±12.0
±42.0
±5.0
15
80
100
G128E
24
21.6 - 26.4
52
8
±15.0
±33.0
±4.0
15
80
100
Derating Curve
Model Selection Guide
Mechanical Dimensions
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Pin 1 is marked by a “dot” or indentation on the top of the unit
Notes:
1. Output load regulation is specified for a load change of 10% to 100%.
2. These units should not be operated with a load under 10% of full load. Operation at no-load
may cause damage to the unit.
3. These converters will operate without external components. However, when measuring output
ripple, it is recommended that an external ceramic capacitor be placed from the +Vout pin to the
-Vout pin for single output
units and from each out-
put to common for dual
output units. An input
capacitor will enhance
stability over temperature
and input line variations.
Recommended capacitor
values are given in the
table above. For applica-
tions requiring very low output noise levels, a simple LC filter should be effective.
4. Dual output units may be connected to provide a 10V, 18V, 24V or 30 VDC output. To do this,
connect the load across the positive (+Vout) and negative (-Vout) outputs and float the output
common.
5. It is recommended that a fuse be used on the input of a power supply for protection. See the
Model Selection table above for the correct rating.
Vin
Input
Capacitor
Vout
Output Capacitor
Single
Dual
5 VDC
4.7 µF
5 VDC 10.0 µF
4.7 µF
12 VDC
2.2 µF
9 VDC
4.7 µF
2.2 µF
24 VDC
1.0 µF
12 VDC 2.2 µF
1.0 µF
15 VDC 1.0 µF
0.47 µF
Other input/output combinations are available
(i.e. 3.3 VDC). Contact the factory for details at:
sales@micropowerdirect.com
Pin
Single
Dual
Pin
Single
Dual
1
-Vin
-Vin
9
+Vout
+Vout
7
NC
NC
11
No Pin
-Vout
8
-Vout
Common
14
+Vin
+Vin
NC = No Connection
Pin Connections
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com


Similar Part No. - G114E

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G114E MPD-G114E Datasheet
183Kb / 2P
   Low Cost, 1W MiniDIP Single & Dual Output DC/DC Converters
G114EI MPD-G114EI Datasheet
180Kb / 2P
   Low Cost, 1W MiniDIP High Isolation DC/DC Converters
G114EI MPD-G114EI Datasheet
181Kb / 2P
   G100EI SERIES
More results

Similar Description - G114E

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com