Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1507ERU Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # B1507ERU
Description  B1500ERU SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

B1507ERU Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  B1507ERU Datasheet HTML 1Page - MicroPower Direct, LLC B1507ERU Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Model
Number
Input
Reflected
Ripple
Current
(mA, Typ)
Output
Efficiency
(%, Typ)
Capacitive
Load
(µF Max)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
B1501ERU
24
9.0 - 36.0
528
25
40
3.3
4,000
400.0
78
10,200
2,500
B1502ERU
24
9.0 - 36.0
762
25
40
5.0
3,000
300.0
82
4,020
2,500
B1503ERU
24
9.0 - 36.0
744
25
40
12.0
1,250
125.0
84
1,035
2,500
B1504ERU
24
9.0 - 36.0
744
25
40
15.0
1,000
100.0
84
705
2,500
B1505ERU
24
9.0 - 36.0
762
25
40
±5.0
±1,500
±150.0
82
±1,020
2,500
B1506ERU
24
9.0 - 36.0
735
25
40
±12.0
±625
±62.5
85
±495
2,500
B1507ERU
24
9.0 - 36.0
735
25
40
±15.0
±500
±50.0
85
±165
2,500
B1511ERU
48
18.0 - 75.0
264
15
30
3.3
4,000
400.0
78
10,200
1,250
B1512ERU
48
18.0 - 75.0
381
15
30
5.0
3,000
300.0
82
4,020
1,250
B1513ERU
48
18.0 - 75.0
372
15
30
12.0
1,250
125.0
84
1,035
1,250
B1514ERU
48
18.0 - 75.0
372
15
30
15.0
1,000
100.0
84
705
1,250
B1515ERU
48
18.0 - 75.0
381
15
30
±5.0
±1,500
±150.0
82
±1,020
1,250
B1516ERU
48
18.0 - 75.0
368
15
30
±12.0
±625
±62.5
85
±495
1,250
B1517ERU
48
18.0 - 75.0
368
15
30
±15.0
±500
±50.0
85
±165
1,250
Notes:
1. When measuring output ripple, it is recommended that an external 4.7 µF ceramic capacitor
be placed from the +Vout pin to the -Vout pin for single output units and from each output to
common for dual output units.
2. These converters are specified for operation without external components. However, in some
applications the addition of input/ouput capacitors will enhance stability and reduce output
ripple. Recommended capacitor values are 100 µF for CIN and 100 - 220 µF for COUT.
3. Transient recovery is measured to within a 1% error band for a load step change of 75% to
100%.
4. The maximum control current at the on/off pin (pin 6) during a logic high is 50 µA.The maximum
control current to the on/off pin at logic low (-0.7V to 0.8V) is 1 mA. If the on/off pin is left open,
the unit operates. If it is grounded, the unit will shut off.
5. Operation at no-load will not damage these units. However, they may not meet all specifications.
6. Dual output units may be connected to provide a 10 VDC, 24 VDC or 30 VDC output. To do this,
connect the load across the positive (+Vout) and negative (-Vout) outputs and float the output
common.
7. It is recommended that a fuse be used on the input of a power supply for protection. See the
table above for the correct rating.
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Pin
Single
Dual
Pin
Single
Dual
1
+Vin
+Vin
4
Trim
Comm.
2
-Vin
-Vin
5
-Vout
-Vout
3
+Vout
+Vout
6
ON/OFF ON/OFF
Pin Connections
www.micropowerdirect.com
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Remote ON/OFF Notes:
1. Maximum sink current at the on/off pin (pin 6) during a logic
low is 100 µA.
2. Maximum allowable leakage current of a switch connected to
the on/off terminal (Pin 6) at logic high (2.5V to 100V) is 5 µA.
Parameter
Min
Max
Units
Supply On
3.5
12.0 or Open
VDC
Supply Off
Grnd
1.2
VDC
Control Common Referenced to Gnd
Remote ON/OFF
Derating Curve
A simple external circuit may be used to
adjust the converter output (single output
models only). To adjust the output DOWN,
connect a 5%, 3W resistor between the
plus output pin and the Vout trim pin. To
adjust the output UP, connect a 5%, 3W
resistor between the minus utput pin and
the Vout trim pin.
For UP/Down trimming capability, connect
a 10 kW potentiometer between the plus
and minus outputs with the wiper arm
connected to the Vout trim pin.
The trim range is ±10%.
External Trim


Similar Part No. - B1507ERU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B1507RU MPD-B1507RU Datasheet
264Kb / 2P
   Ultra-Wide Input 15W Single & Dual Output DC/DC Converters
B1507RU MPD-B1507RU Datasheet
272Kb / 2P
   B1500RU SERIES
More results

Similar Description - B1507ERU

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com